Electronic Components Datasheet Search
  English  ▼

X  

5675 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 5675
Description  14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

5675 Datasheet(HTML) 2 Page - Maxwell Technologies

  5675 Datasheet HTML 1Page - Maxwell Technologies 5675 Datasheet HTML 2Page - Maxwell Technologies 5675 Datasheet HTML 3Page - Maxwell Technologies 5675 Datasheet HTML 4Page - Maxwell Technologies 5675 Datasheet HTML 5Page - Maxwell Technologies 5675 Datasheet HTML 6Page - Maxwell Technologies 5675 Datasheet HTML 7Page - Maxwell Technologies 5675 Datasheet HTML 8Page - Maxwell Technologies 5675 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
14-BIT, 400MSPS DIGITAL-TO-ANALOG Converter
5675
07.13.04 Rev 1
TABLE 1. PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
19, 41, 46, 47
AGND
Analog Negative Supply Voltage (Ground)
20, 42, 45, 48
AVDD
Analog Positive Supply Voltage
39
BIASJ
Full-scale Output Current Bias
22
CLK
External Clock Input
21
CLKC
Complementory External Clock Input
1, 3, 5, 7, 9, 13, 23
25, 27, 29, 31, 33, 35
D9(13:0)A
LVDS Positive Input, data bits 13 through 0
D13A is most significant data bit (MSB)
D0A is the least significant bit (LSB)
2, 4, 6, 8, 10, 14, 24
26, 28, 30, 32, 34, 36
D(13:0)B
LVDS Positive Input, data bits 13 through 0
D13B is most significant data bit (MSB)
D0B is the least significant bit (LSB)
16, 18
DGND
Digital Negative Supply Voltage (Ground)
38
DLLOFF
High = DLL Off / Low = DLL On
15, 17
DVDD
Digital Positive Supply Voltage
40
EXTIO
Internal reference out put or external reference input. Requires a 0.1uf decou-
pling capacitor to groind when used as reference output.
43
IOUT1
DAC current output. Full scale when all inputs are set to 1. Connect reference
side DAC load resistors to AVDD
44
IOUT2
DAC complimentory current output. Full scale when all inputs are set to 0.
Connect reference side DAC load resistors to AVDD
37
SLEEP
Asynchronous hardware power down input. Active high. Internally pulldown.
TABLE 2. 5675 ABSOLUTE MAXIMUM RATINGS 1
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage Range
AV
DD
-0.3
3.6
V
DV
DD
-0.3
3.6
V
AV
DD to DVDD
-3.6
3.6
V
Voltage between AGND and DGND
--
-0.3
0.5
V
CLK, CLKC, SLEEP
--
-0.3 to DVDD
DVDD to 0.3
V
Digital input D[13:0]A, D[13:0]B
--
-0.3 to DVDD
DVDD to 0.3
V
IOUT1, IOUT2
--
-1.0 to DVDD
AVDD to 0.3
V
EXTIO, BIASJ
--
-0.3 to DVDD
AVDD to 0.3
V
Peak Input Current (any input)
20
mA
Peak Total Input Current (any input)
-30
mA
Storage temperature range
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com