Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 9Page - Micrel Semiconductor MIC2007YML Datasheet HTML 10Page - Micrel Semiconductor MIC2007YML Datasheet HTML 11Page - Micrel Semiconductor MIC2007YML Datasheet HTML 12Page - Micrel Semiconductor MIC2007YML Datasheet HTML 13Page - Micrel Semiconductor MIC2007YML Datasheet HTML 14Page - Micrel Semiconductor MIC2007YML Datasheet HTML 15Page - Micrel Semiconductor MIC2007YML Datasheet HTML 16Page - Micrel Semiconductor MIC2007YML Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
16
M9999-102805
equation can be used:
A
A)
-
(J
D
J
T
R
P
T
+
×
=
θ
Where: TJ = junction temperature,
TA = ambient temperature
Rθ(J-A) is the thermal resistance of the package
In normal operation, the MIC2007/2017’s Ron is low
enough that no significant I
2R heating occurs. Device
heating is most often caused by a short circuit — or very
heavy load — when a significant portion of the input
supply voltage appears across the MIC2007/2017’s
power MOSFET. Under these conditions, the heat
generated will exceed the package and PCB’s ability to
cool the device and thermal limiting will be invoked.
In Figure 10, die temperature is plotted against IOUT
assuming a constant case temperature of 85°C. The
plots also assume a worst case RON of 140 mΩ at a die
temperature of 135°C. Under these conditions, it is clear
that an SOT-23 packaged device will be on the verge of
thermal shutdown (typically 145°C die temperature)
when operating at a load current of 1.25A. For this
reason, it is recommend that MLF package be used for
any
MIC2007/2017
designs
intending
to
supply
continuous currents of 1A or more.
Die Temperature vs. Iout for Tcase = 85°C
0
20
40
60
80
100
120
140
160
0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00
Iout - Amps
SOT-23
MLF
Figure 10. Die Temperature vs. Package
Figure 10 assumes no backside contact is made to the
thermal pad provided on the MLF package. For optimal
performance at higher current levels, or in higher
temperature environments, thermal contact with the
PCB and the exposed power paddle on the back side of
the MLF package should be made. This significantly
reduces the package’s thermal resistance thereby
extending the MIC2007/2017’s operating range. It
should be noted that this backside paddle is electrically
active and is connected to the MIC2007/2017’s GND
pin.
2 Vias
0.3 mm diam.
to Ground Plane
0.8 mm
1.4 mm
Figure 11. Pad for Thermal Mounting to PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com