Electronic Components Datasheet Search
  English  ▼

X  

RT1064 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RT1064
Description  Crossover processors for industrial proructs
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1064 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RT1064 Datasheet HTML 4Page - NXP Semiconductors RT1064 Datasheet HTML 5Page - NXP Semiconductors RT1064 Datasheet HTML 6Page - NXP Semiconductors RT1064 Datasheet HTML 7Page - NXP Semiconductors RT1064 Datasheet HTML 8Page - NXP Semiconductors RT1064 Datasheet HTML 9Page - NXP Semiconductors RT1064 Datasheet HTML 10Page - NXP Semiconductors RT1064 Datasheet HTML 11Page - NXP Semiconductors RT1064 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 1, 12/2019
8
NXP Semiconductors
i.MX RT1064 Introduction
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
Figure 1. Part number nomenclature—i.MX RT1064
Temperature
+
Consumer: 0 to + 85 °C
D
Industrial: -40 to +105 °C
C
Frequency
$
400 MHz
4
500 MHz / 528 MHz
5
600 MHz
6
700 MHz
7
800 MHz
8
1000 MHz
A
VV
Package Type
VL
MAPBGA 10 x 10 mm, 0.65 mm pitch
VJ
MAPBGA 12 x 12 mm, 0.8 mm pitch
Qualification Level
M
Prototype Samples
P
Mass Production
M
Special
S
Part # series
XX
i.MX RT
RT
Silicon Rev
A
A0
A
Tie
%
1
Reduced Feature General Purpose
2
Full Feature General Purpose
4
Full Feature General Purpose + 4 MB Flash
M
IMX
X X
@
%
+
VV
$
A
Family
@
First Generation RT family
1
Reserved
2
3
4
5
6
7
8
##
Silicon
##
06
RT1060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com