Electronic Components Datasheet Search
  English  ▼

X  

MK1707DI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK1707DI
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1707DI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK1707DI Datasheet HTML 1Page - Integrated Circuit Systems MK1707DI Datasheet HTML 2Page - Integrated Circuit Systems MK1707DI Datasheet HTML 3Page - Integrated Circuit Systems MK1707DI Datasheet HTML 4Page - Integrated Circuit Systems MK1707DI Datasheet HTML 5Page - Integrated Circuit Systems MK1707DI Datasheet HTML 6Page - Integrated Circuit Systems MK1707DI Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MK1707D
MDS 1707D F
1
Revision 102804
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Low EMI Clock Generator
Description
The MK1707D generates a low EMI output clock from a
crystal clock input. The part is designed to dither the
LCD interface clock for flat panel graphics controllers.
The device uses ICS’ proprietary mix of analog and
digital Phase-Locked Loop (PLL) technology to spread
the frequency spectrum of the output, thereby reducing
the frequency amplitude peaks by several dB.
The MK1707D offers centered spread from a wide
range of input clock frequencies.
ICS offers many other clocks for computers and
computer peripherals. Consult ICS when you need to
replace multiple crystals and oscillators from your
board.
Features
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Provides a spread spectrum output clock
• Supports flat panel controllers
• Accepts a crystal or clock input to provide same
frequency dithered output
• Input operating frequencies of 25-54 and 50-108
MHz
• Peak reduction by 7dB to 14dB typical on 3rd through
19th odd harmonics
• Low EMI feature can be disabled
• Includes power down
• Operating voltage of 3.3 V
• Industrial temperature range available
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
Input
Buffer
S1:0
Low EMI Enable
Clock Out
2
GND
VDD
X2
Load capacitors required
for crystal input
X1/ICLK


Similar Part No. - MK1707DI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1707 ICST-MK1707 Datasheet
143Kb / 6P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1707 RENESAS-MK1707 Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
logo
Integrated Circuit Syst...
MK1707S ICST-MK1707S Datasheet
143Kb / 6P
Low EMI Clock Generator
MK1707SI ICST-MK1707SI Datasheet
143Kb / 6P
Low EMI Clock Generator
MK1707SILF ICST-MK1707SILF Datasheet
143Kb / 6P
Low EMI Clock Generator
More results

Similar Description - MK1707DI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS181-52 ICST-ICS181-52 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com