Electronic Components Datasheet Search
  English  ▼

X  

FMMT491 Datasheet(PDF) 1 Page - Dc Components

Part # FMMT491
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FMMT491 Datasheet(HTML) 1 Page - Dc Components

  FMMT491 Datasheet HTML 1Page - Dc Components FMMT491 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMMT491
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Pinning
1 = Base
2 = Emitter
3 = Collector
SOT-23
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
1
A
Total Power Dissipation
PD
250
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25
o
C)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
80
-
-
V
IC=100
µA
Collector-Emitter Breakdown Voltage
BVCEO
60
-
-
V
IC=10mA
Emitter-Base Breakdown Volatge
BVEBO
5
-
-
V
IE=100
µA
Collector Cutoff Current
ICBO
-
-
100
nA
VCB=60V, IE =0V
Collector-Emitter Saturation Voltage
(1)
VCE(sat)1
-
-
0.25
V
IC=500mA, IB=50mA
VCE(sat)2
-
-
0.5
V
IC=1000mA, IB=100mA
Base-Emitter Voltage
(1)
VBE(sat)1
-
-
1.1
V
IC=1000mA, IB=100mA
VBE
-
-
1
V
VCE =5V, I E=1A
hFE1
100
-
-
-
IC=1mA, VCE=5V
hFE2
100
-
300
-
IC=500mA, VCE =5V
DC Current Gain
(1)
hFE3
80
-
-
-
IC=1A, VCE=5V
hFE4
30
-
-
IC=2A, V CE=5V
Transition Frequency
fT
150
-
-
MHz
IC=20mA, VCE=10V, f=100MHz
Output Capacitance
Cob
-
-
10
pF
VCB=5V, f=1MHz
Electrical Characteristics
(Ratings at 25
oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
.091(2.3)
.067(1.7)
Dimensions in inches and (millimeters)
.063(1.6)
.047(1.2)
.110(2.8)
.083(2.1)
.045(1.2)
.034(0.9)
.118(3.0)
.110(2.8)
.020(0.5)
.012(0.3)
.008(0.2)
.004(0.1)
.004
(0.10)
.051(1.3)
.035(0.9)
.028(0.7)
.012(0.3)
Max
.028(0.7)
.012(0.3)
2
1
3
Peak Pulse Current
ICM
2
A
Base-Emitter Saturation Voltage (1)
-
Low equivalent on-resistance
Marking: 491


Similar Part No. - FMMT491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT491 ZETEX-FMMT491 Datasheet
129Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT491 BILIN-FMMT491 Datasheet
301Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT491 KEXIN-FMMT491 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Rectron Semiconductor
FMMT491 RECTRON-FMMT491 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
More results

Similar Description - FMMT491

ManufacturerPart #DatasheetDescription
logo
Dc Components
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com