Electronic Components Datasheet Search
  English  ▼

X  

SS8550 Datasheet(PDF) 1 Page - Dc Components

Part # SS8550
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS8550 Datasheet(HTML) 1 Page - Dc Components

  SS8550 Datasheet HTML 1Page - Dc Components SS8550 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS8550
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for use in 2W output amplifier of portable
radios in class B push-pull operation.
Pinning
1 = Emitter
2 = Base
3 = Collector
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54) Typ
.050
(1.27)Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70) Min
2
oTyp
5
oTyp.
2
oTyp
3 2 1
5
oTyp.
Dimensions in inches and (millimeters)
Rank
B
C
D
E
Range
85~160
120~200
160~300
300~400
Classification of hFE2
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1.5
A
Base Current
IB
500
mA
Total Power Dissipation
PD
1
W
Total Power Dissipation(TC=25oC)
PD
2
W
Junction Temperature
TJ
+150
oC
Storage Temperature
TSTG
-55 to +150
oC
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
40
-
-
V
IC=-100µA
Collector-Emitter Breakdown Voltage
BVCEO
25
-
-
V
IC=-2mA
Emitter-Base Breakdown Volatge
BVEBO
5
-
-
V
IE=-100µA
Collector Cutoff Current
ICBO
-
-
0.1
µA
VCB=-35V
Emitter Cutoff Current
IEBO
-
-
0.1
µA
VEB=-6V
Collector-Emitter Saturation Voltage(1) VCE(sat)
-
-
0.5
V
IC=-0.8A, IB=-80mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
1.2
V
IC=-0.8A, IB=-80mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
1
V
IC=-10mA, VCE=-1V
hFE1
45
-
-
-
IC=-5mA, VCE=-1V
DC Current Gain(1)
hFE2
85
-
400
-
IC=-100mA, VCE=-1V
hFE3
40
-
-
-
IC=-800mA, VCE=-1V
Transition Frequency
fT
100
-
-
MHz
IC=-50mA, VCE=-10V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width 380µs, Duty Cycle 2%
-
-
-
-
-
-
-
-
-
-
-
-
-


Similar Part No. - SS8550

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8550 WEITRON-SS8550 Datasheet
106Kb / 4P
Plastic-Encapsulate Transistors PNP Silicon
logo
Galaxy Semi-Conductor H...
SS8550 BILIN-SS8550 Datasheet
196Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
SS8550 DAYA-SS8550 Datasheet
143Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
SS8550 SECOS-SS8550 Datasheet
335Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - SS8550

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT1015 DCCOM-DMBT1015 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT2907A DCCOM-DMBT2907A Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SA673 DCCOM-2SA673 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com