Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 1 Page - Dc Components

Part # TL431
Description  TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

TL431 Datasheet(HTML) 1 Page - Dc Components

  TL431 Datasheet HTML 1Page - Dc Components TL431 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TL431
INTEGRATED CIRCUIT
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
Features
* Programmable output voltage
* Temperature coefficient is 50ppm/oC typical
* Temperature compensated for operation over
* Full temperature range
* Low output noise voltage
* Fast turn on response
Pinning
1 = Reference
2 = Cathode
3 = Anode
Characteristic
Symbol
Rating
Unit
Cathode to Anode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IK
-100 to +150
mA
Reference Input Current Range
Iref
+0.05 to +10
mA
Power Dissipation
PD
225
mW
Operating Temperature Range
Topr
0 to +70
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Absolute Maximum Ratings
(Operating temperature range applies, unless otherwise specified)
SOT-23
Dimensions in inches and (millimeters)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reference Input Voltage
Vref
2.445
2.495
2.545
V
VKA=VREF, IK=10mA
Reference Input Voltage Deviation
∆Vref
-
4.0
17
mV
VKA=VREF, IK=10mA
Over Temperature Range
Tmin TA Tmax
Ratio of Change in Reference Input Voltage
∆Vref /
-
-1.4
-2.7
mV/V
IK=10mA,
∆VKA=10V-VREF
to Change in Cathode to Anode Voltage
∆VKA
-
-1.0
-2.0
IK=10mA,
∆VKA=36V-10V
Reference Input Current
Iref
-
2.0
4.0
µA
IK=10mA, R1=10k
Ω, R2=
Reference Input Current Deviation
∆Iref
-
0.4
1.2
µA
IK=10mA, R1=10k
Ω, R2=
Over Temperature Range
Tmin TA Tmax
Minimum Cathode Current for Regulation
IK(min)
-
0.4
1.0
mA
VKA=VREF
Off-State Cathode Current
IK(off)
-
0.1
1.0
µA
VKA=36V, VREF=0
Dynamic Impedance
ZKA
-
0.2
0.5
Ω
VKA=VREF, f 1.0KHz
IK=1 to 100mA
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
.091(2.3)
.067(1.7)
.063(1.6)
.047(1.2)
.110(2.8)
.083(2.1)
.045(1.2)
.034(0.9)
.118(3.0)
.110(2.8)
.020(0.5)
.012(0.3)
.008(0.2)
.004(0.1)
.004
(0.10)
.051(1.3)
.035(0.9)
.028(0.7)
.012(0.3)
Max
.028(0.7)
.012(0.3)
2
1
3


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
Dc Components
DA431 DCCOM-DA431 Datasheet
217Kb / 1P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
DM431 DCCOM-DM431 Datasheet
238Kb / 1P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
DN431 DCCOM-DN431 Datasheet
230Kb / 1P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com