Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB004 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3G3MX2AB004
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB004 Datasheet(HTML) 2 Page - Omron Electronics LLC

  3G3MX2AB004 Datasheet HTML 1Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 2Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 3Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 4Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 5Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 6Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 7Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 8Page - Omron Electronics LLC 3G3MX2AB004 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Harmonized motor and
machine control
The 3G3MX2 is specifically designed to drive
machines. It has been developed to harmonize
advanced motor and machine control.
Thanks to its advanced design and algorithms
the 3G3MX2 provides smooth control down to
zero speed, plus precise operation for fast cyclic
operations and torque control capability in
open loop.
The 3G3MX2 also gives you comprehensive
functionality for machine control such as
positioning, speed synchronization and logic
programming. The 3G3MX2 is fully integrated
within the Omron smart automation platform.
The 3G3MX2 is the child of a true leader in
machine automation.
Special motors
One parameter
auto-tuning
Torque control
in open loop
200%
starting torque
• Permanent
magnetmotors
• Highspeed
motorsupto1000
Hz
• Justbyenterin
gthepowerratin
gof
themotorthe
3G3MX2
givesyou
smoothand
safeoperation
• Idealforlowtomedium
torqueapplication
s
• Canreplaceaflux
vectororservo
driveinsuitablesy
stems
• Nearstand-stilloper
ation(0.5Hz)
• Smoothcontrolof
highinertialoads
• Controloffastcyclic
loads
MOTOR CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com