Electronic Components Datasheet Search
  English  ▼

X  

PJM2306NSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2306NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2306NSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2306NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM2306NSA
N- Enhancement Mode Field Effect Transistor
1 / 6
www.pingjingsemi.com
Revision:1.1 Dec-2018
Absolute Maximum Ratings
Ratings at TC = 25℃ unless otherwise specified.
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
3.16
A
Drain Current-Pulsed Note 1
IDM
20
A
Maximum Power Dissipation
PD
0.75
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Parameter
Symbol
Limit
Unit
Thermal Resistance,Junction-to-Ambient Note 2
RθJA
167
℃
/W
Thermal Characteristics
Schematic diagram
SOT-23
1
2
Gate
Source
3Drain
Features
Fast Switching
Low RDS(ON) and Gate Charge
Low Reverse Transfer Capacitance
Halogen and Antimony Free (HAF) Product is acquired
1. Gate 2.Source 3.Drain
Marking: S6


Similar Part No. - PJM2306NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2300NSA PJSEMI-PJM2300NSA Datasheet
1Mb / 6P
N-Channel MOSFET
PJM2300NSA-S PJSEMI-PJM2300NSA-S Datasheet
1Mb / 6P
N-Channel MOSFET
PJM2301PSA PJSEMI-PJM2301PSA Datasheet
1Mb / 8P
P- Enhancement Mode Field Effect Transistor
PJM2301PSA-S PJSEMI-PJM2301PSA-S Datasheet
1Mb / 7P
P-Enhancement Mode Field Effect Transistor
PJM2302NSA PJSEMI-PJM2302NSA Datasheet
1Mb / 8P
N- Enhancement Mode Field Effect Transistor
More results

Similar Description - PJM2306NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2302NSA-S PJSEMI-PJM2302NSA-S Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3018NSA PJSEMI-PJM3018NSA Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3420NSA PJSEMI-PJM3420NSA Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM02N60SA PJSEMI-PJM02N60SA Datasheet
1Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM40H10NTC PJSEMI-PJM40H10NTC Datasheet
791Kb / 6P
N- Enhancement Mode Field Effect Transistor
PJM2302NSC PJSEMI-PJM2302NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2304NSA PJSEMI-PJM2304NSA Datasheet
2Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3402NSC PJSEMI-PJM3402NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3404NSC PJSEMI-PJM3404NSC Datasheet
4Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3416NSC PJSEMI-PJM3416NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com