Electronic Components Datasheet Search
  English  ▼

X  

708TX Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 708TX
Description  Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

708TX Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  708TX Datasheet HTML 1Page - Red Lion Controls. Inc 708TX Datasheet HTML 2Page - Red Lion Controls. Inc 708TX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
708TX Industrial Ethernet Switch
N-Tron Networking Series
Managed Industrial Ethernet Switch
Remote Monitoring Options
For ease of configuration and monitoring, the 708TX offers web
browser management and N-View OLE for Process Control (OPC)
server software. N-TRON's N-View software can be combined with
popular HMI software packages to add network traffic monitoring,
trending, and alarming to any application using N-TRON switches.
In addition SNMP is available for switch link and status monitoring.
The Alarm Contact and Status LED can be configured to respond to
power failure on power input 1 or input 2, N-Ring Broken, Partial Break
High, Partial Break Low, or if multiple ring managers are detected.
N-Ring Technology
The 708TX ring manager, using N-TRON's N-Ring technology,
offers expanded ring size capacity, detailed fault diagnostics,
and a standard healing time of ~30ms. The 708TX ring manager
periodically checks the health of the ring via packets. If the ring
manager stops receiving these health check packets, it converts the
ring to a linear bus topology within ~30ms. When all switches in
the ring are N-TRON fully managed switches, a detailed ring map
and fault location chart will also be provided on the ring manager’s
web browser and OPC server to identfy the health status of the ring.
N-Link allows the linking of two N-Rings.
Up to 250 fully managed
N-TRON switches can participate in N-Ring topologies.
Industrial Packaging and Specifications
The 708TX is designed to operate in industrial environments. It
is housed in a rugged steel DIN-Rail enclosure. It has extended
industrial specifications and features to meet or exceed the operating
parameters of the connected equipment. These include extended
temperature ratings, extended shock and vibrations specs, redundant
power inputs, and high MTBF (greater than 2M hours).
Ease of Use
The 10/100BaseTX ports are auto sensing and auto configuring.
Each copper port is automatically negotiated for maximum speed
and performance by default, but can also be hard coded using the
user interface. A high-speed processor allows wire speed capability
on all 100BaseTX ports simultaneously.
The N-TRON ® 708TX Industrial Ethernet Switch combines
outstanding performance and ease of use. The fully managed switch
is ideally suited for connecting Ethernet-enabled industrial and/or
security equipment.
PRODUCT FEATURES
• Eight 10/100BaseTX RJ-45 Ports
• -40oC to 85oC Operating temperature
• ESD and Surge Protection Diodes on all Ports
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Rugged DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• Configurable Alarm Contact
• Configurable Bi-Color Fault Status LED
Fully Managed Features:
• Full SNMP and Web Browser Management
• Detailed Ring Map and Fault Location Charting
• N-Ring™ Technology with ~30ms Healing
• N-View™ OPC Monitoring
• Plug-and-Play IGMP Support
• 802.1Q tag VLAN and Port VLAN
• 802.1p QoS and Port QoS
• EtherNet/IP™ CIP Messaging
• LLDP (Link Layer Discovery Protocol)
• Trunking
• Mirroring
• 802.1d, 802.1w, 802.1D RSTP
• DHCP Server, Option 82 relay, Option 61, IP Fallback
• Port Security—MAC Address Based
Management Features
The 708TX offers several management functions that can be easily
configured using a web browser.
IGMP Snooping - Internet Group Management Protocol is
a feature that allows the 708TX switch to forward and filter
multicast traffic intelligently.
VLAN - Virtual LocalArea Network allows you to segment the switch
in order to create two or more separate local area network domains.
QoS - Quality of Service provides prioritization of network traffic
in order to provide better network service. The primary goal of QoS
is to improve the latency of prioritized Ethernet packets required
for ring management, real-time, and other interactive applications.
Trunking - Trunking (link aggregation) enables multiple physical
ports to be linked together and function as one uplink to another
N-TRON trunking capable switch configured in the same
manner, thereby increasing the bandwidth between switches. This
configuration can provide increased bandwidth and redundancy to
applications requiring high levels of fault tolerant operation.
Port Mirroring - This function allows the traffic on one port to be
duplicated and sent to a designated mirror port. Port mirroring can
be used to monitor Ethernet traffic on the designated source port
using the assigned mirror port.
Rapid Spanning Tree - This function allows the switch to be
configured in a ring or mesh topology, and provides support for
redundant path communications with high speed (rapid) healing.
THE INDUSTRIAL NETWORK COMPANY


Similar Part No. - 708TX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
logo
Enercon Technologies Eu...
708 ENERCON-708 Datasheet
741Kb / 2P
Compact, Portable IP67 Military Fast Ethernet Switch
logo
Curtis Instruments, Inc...
708 CURTIS-708 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
logo
Keystone Electronics Co...
708 KEYSTONE-708 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
Walther-Werke
708 WALTHER-708 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 708TX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
508FX2 REDLION-508FX2 Datasheet
774Kb / 4P
Industrial Ethernet Switch
317FX REDLION-317FX Datasheet
453Kb / 3P
Unmanaged Industrial Ethernet Switch
306FX2 REDLION-306FX2 Datasheet
443Kb / 3P
Unmanaged Industrial Ethernet Switch
111FX3 REDLION-111FX3 Datasheet
724Kb / 3P
Unmanaged Industrial Ethernet Switch
106FX2 REDLION-106FX2 Datasheet
834Kb / 3P
Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
Industrial Ethernet Switch
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com