Electronic Components Datasheet Search
  English  ▼

X  

PI3DPX1203B Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI3DPX1203B
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203B Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI3DPX1203B Datasheet HTML 12Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 13Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 14Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 15Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 16Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 17Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 18Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 19Page - Diodes Incorporated PI3DPX1203B Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
16 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Intelligent Power Management
The device intelligent signal detection scheme allows portions, or all of the IC, to be disabled for power savings. In DP
mode, if only one or two lanes are active, the other lanes will be automatically powered off. If there is no input video
signal the entire IC will be powered down. If there is no monitor detected, it can also automatically power down the IC.
The power-down mode can also be entered using hard pin ENABLE, or through DPCD register (AUX link training).
Table 4-1: DP Channel Power down State
State POR
State POR
Description
External Pins
Internal Signal
3.3-1.2V active
channel regula-
tor(1)
Active channel
HPD
CAD
_SNK
DPCD CS
decode
ST_POR
Power On Reset
X
X
0
Powered down
Powered down
ST_LPM1
Low Power Mode 1
X
X
0
Powered down
Powered down
ST_LPM2
Low Power Mode 2
X
X
0
Powered down
Powered down
ST_ACT
Active Mode
1
0
1
Active
Active
ST_ACT
Active Mode
1
0
0
Powered down
Powered down
ST_WAIT
Active Wait
1
0
1
Active
Active
ST_WAIT
Active Wait
1
0
0
Powered down
Powered down
ST_POR
Power On Reset
X
1
X
Powered down
Powered down
ST_LPM1
Low Power Mode 1
X
1
X
Powered down
Powered down
ST_LPM2
Low Power Mode 2
X
1
X
Powered down
Powered down
ST_ACT
Active Mode
1
1
1
Active
* Note (1)
ST_WAIT
Active Wait
1
1
1
Active
* Note (1)
Note:
(1) Inactive channel are always powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com