Electronic Components Datasheet Search
  English  ▼

X  

PLW1010V2 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # PLW1010V2
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLW1010V2 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button PLW1010V2 Datasheet HTML 22Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 23Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 24Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 25Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 26Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 27Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 28Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 29Page - List of Unclassifed Manufacturers PLW1010V2 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
LEDs Are Off When the PowerLINE Device
Is Plugged In
The common reason the LEDs are off is that power is not being provided to the device.
Make sure that power is supplied to the electrical outlet.
Power LED Is Off
If the Power LED is off, the adapter is not receiving electrical power. You can try several
troubleshooting tips.
Try these steps:
1. Make sure that power is supplied to the electrical outlet and that the PowerLINE
device is not plugged into an extension cord, power strip, or surge protector.
2. Press the button on the PowerLINE device for two seconds to return the device to
its factory default settings.
Power LED Is Amber
If the Power LED is amber, the adapter is in power saving mode. You can investigate
why the adapter is in power saving mode, and wake it.
The adapter enters power saving mode when the Ethernet link is inactive for more than
10 minutes. The Ethernet link is inactive if any of the following occurs:
•
The Ethernet cable is unplugged.
•
The peripheral device that is connected through the Ethernet port is turned off.
•
The PowerLINE adapter is idle.
To wake a PowerLINE device from power saving mode:
1. Connect a powered-on Ethernet device to one end of the Ethernet cable.
2. Connect the PowerLINE device to the other end of the Ethernet cable.
The PowerLINE device returns to normal mode within two seconds.
Pick A Plug LED Is Off, Amber, or Red
If the Pick A Plug LED is off, the PowerLINE devices cannot find each other.
User Manual
26
Troubleshooting
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com