Electronic Components Datasheet Search
  English  ▼

X  

PL1200 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # PL1200
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL1200 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button PL1200 Datasheet HTML 13Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 14Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 15Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 16Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 17Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 18Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 19Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 20Page - List of Unclassifed Manufacturers PL1200 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
How the PowerLINE Adapter Fits Into Your
Network
You can use one or more PowerLINE adapters to extend Internet access throughout
your home.
A PowerLINE network consists of two or more compatible PowerLINE devices that
communicate with each other using your electrical power lines. One of the PowerLINE
devices is connected with an Ethernet cable to your router so that the PowerLINE network
is linked to your local area network (LAN). Connecting one PowerLINE device to your
router allows all the PowerLINE devices on the PowerLINE network to communicate
with the router and use its Internet connection.
The following illustration shows a PowerLINE network with one PowerLINE device in
Room 1 and a second PowerLINE device in Room 2.
Figure 8. Poweline adapters connecting two rooms
To form a PowerLINE network, you need at least two compatible PowerLINE devices.
For best performance, follow these guidelines when you plan the location of your
PowerLINE devices:
•
Use an electrical outlet that is not controlled by a wall switch to avoid accidentally
turning off the power to the outlet.
•
Avoid plugging PowerLINE products into electrical outlets that are located near
appliances that consume a lot of power, such as washers, dryers, or refrigerators.
User Manual
17
PowerLINE Networks
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com