Electronic Components Datasheet Search
  English  ▼

X  

VN2222LL Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # VN2222LL
Description  N-Channel Enhancement-Mode MOS Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

VN2222LL Datasheet(HTML) 1 Page - TEMIC Semiconductors

  VN2222LL Datasheet HTML 1Page - TEMIC Semiconductors VN2222LL Datasheet HTML 2Page - TEMIC Semiconductors VN2222LL Datasheet HTML 3Page - TEMIC Semiconductors VN2222LL Datasheet HTML 4Page - TEMIC Semiconductors VN2222LL Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VN10/0605/0610/2222 Series
Siliconix
P-37993—
Rev. C (08/08/94)
1
NChannel EnhancementMode MOS Transistors
VN10LE
VN0605T
VN2222LL
VN10LM
VN0610LL
VN2222LM
Product Summary
Part Number
V(BR)DSS Min (V)
rDS(on) Max (W)
VGS(th) (V)
ID Min (A)
VN10LE
5 @ VGS = 10 V
0.8 to 2.5
0.38
VN10LM
5 @ VGS = 10 V
0.8 to 2.5
0.32
VN0605T
60
5 @ VGS = 10 V
0.8 to 3.0
0.18
VN0610LL
60
5 @ VGS = 10 V
0.8 to 2.5
0.28
VN2222LL
7.5 @ VGS = 5 V
0.6 to 2.5
0.23
VN2222LM
7.5 @ VGS = 5 V
0.6 to 2.5
0.26
Features
Benefits
Applications
D Low OnResistance: 2.5 W
D Low Threshold: <2.1 V
D Low Input Capacitance: 22 pF
D Fast Switching Speed: 7 ns
D Low Input and Output
Leakage
D Low Offset Voltage
D Low Voltage Operation
D Easily Driven Without
Buffering
D HighSpeed Circuits
D Low Error Voltage
D Direct LogicLevel Interface: TTL/CMOS
D Solid State Relays
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
VN0605T (V2)*
*Marking Code for TO236
TO237
(Tab Drain)
Top View
S
D
G
1
2
3
TO206AC
(TO52)
Top View
D
G
S
1
23
TO226AA
(TO92)
Top View
S
D
G
1
2
3
G
TO236
(SOT 23)
S
D
Top View
2
3
1
VN10LE
VN10LM
VN2222LM
VN0610LL
VN2222LL


Similar Part No. - VN2222LL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
VN2222LL MOTOROLA-VN2222LL Datasheet
68Kb / 4P
TMOS FET Transistor
logo
Supertex, Inc
VN2222LL SUTEX-VN2222LL Datasheet
433Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Calogic, LLC
VN2222LL CALOGIC-VN2222LL Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN2222LL VISHAY-VN2222LL Datasheet
41Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
logo
Zetex Semiconductors
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - VN2222LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
logo
TEMIC Semiconductors
VN0610L TEMIC-VN0610L Datasheet
202Kb / 4P
N-Channel Enhancement-Mode MOS Transistors
logo
Calogic, LLC
VN0610LL CALOGIC-VN0610LL Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
VN2222 CALOGIC-VN2222 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN2010L TEMIC-VN2010L Datasheet
109Kb / 4P
N-Channel Enhancement-Mode MOS Transistors
logo
STMicroelectronics
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
New Jersey Semi-Conduct...
VN67 NJSEMI-VN67 Datasheet
91Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
VN0610LL NJSEMI-VN0610LL Datasheet
133Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com