Electronic Components Datasheet Search
  English  ▼

X  

VSC7440 Datasheet(PDF) 226 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 226 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
209
The following illustration provides an overview of shared queue system.
Figure 53 •
Shared Queue System Block Diagram
Frames are stored in the packet memory and linked into the ingress queue for the logical source port
along with the analyzer result.
The analyzer result is then processed by a frame forwarder, frame by frame. Each of the frame
transmission requests are added to an egress queue in the queue system attached to a specific egress
port. A transmission request can be a normal switching request to another port, a mirror copy, for
stacking updates, and for a CPU connected to one of the egress ports. For VD0, it can do multiple copies
of the request. The frame forwarder can also request that a specific frame copy be discarded.
The frame forwarder is efficient, because only frame references are switched, giving a forwarding
bandwidth in the range of 67 Gbps (64 byte frames) to 2 terabits (Tbps) (1,518 byte frames). The frame
data itself is not moved within the queue system.
The forwarding request is passed through a queue mapper, which then selects an egress queue based
on the classified properties of the frame. For example, a simple switch may use the classified QoS class
only and an advanced carrier switch may use MPLS-classified traffic class (TC).
A congestion control system can decide to discard some or all copies of the frame. This decision is
based on consumption per QoS level. The queue mapper can be configured to change the drop decision
using a congestion control mechanism based on queue sizes rather than only QoS class.
Each destination port has a part of the total shared queue pool attached. Transmission is scheduled
towards the destination ports through a hierarchical scheduling system, where all queues belonging to
each port are arbitrated. On the way out, frames pass through the rewriter where the frame data can be
14
AFI loopback port (VD1).
When the queue system is requested to send to VD1, it sends the request to the AFI. The AFI stores the
request and can be configured to transmit the frame to any port in a programmed schedule. The AFI can
transmit the frame to any of the egress ports. If VD1 is selected as destination by the AFI, the frame is
looped back into the analyzer.
Table 134 •
Port Definitions in Shared Queue System (continued)
Ports
Connection
Ingress Queues
Congestion Control
Analyzer
Result
Buffer Control
Scheduling Configuration
Egress Queues, Destination
n
Transmit
commands
for port
n
Queue 0
Frame
Forwarder
Queue
Mapper
Queue 1
Queue
n
Queue 0
Queue 1
Queue
n
Scheduler
Hierarchy
Analyzed
Frames
Egress Queues, Destination 1
Queue 0
Queue 1
Queue
n
Scheduler
Hierarchy
Egress Queues, Destination 0
Transmit
commands
for port 0
Transmit
commands
for port 1
Queue 0
Queue 1
Queue
n
Scheduler
Hierarchy
Resource
Management
Packet
Memory
Data
Ref
Forwarding
Queue
Mapping
Queue
Limitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com