Electronic Components Datasheet Search
  English  ▼

X  

VSC7440 Datasheet(PDF) 273 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 273 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 269Page - Microsemi Corporation VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation VSC7440 Datasheet HTML 277Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
256
3.26.5.2 Frame Copy, Redirect, or Discard
Frame forwarding may be changed by ES0 action FWD_SEL, the MIP or the VOP. Changing frame
forwarding will update the frame pipeline point and action.
The following options are available to control frame forwarding.
•
No action. Do not change frame forwarding.
•
Copy frame to CPU via the loopback interface. The frame is looped back to the ANA where it is sent
to the CPU. The IFH of the CPU copy is modified to select a CPU queue. The frame is also
forwarded as normal to the destination port and can be modified by the normal rewriter operations.
•
Redirect frame to ANA via loopback interface. When doing frame loopbacks, the destination port of
the redirected frame will be left unchanged. The IFH of the frame is modified and the MAC
addresses may be swapped. Redirected frames may also be sent to a CPU queue. This can be
done as a standalone operation or together with the loopback frame. When redirecting, the frame is
only sent to the loopback interface and not to the original destination port.
•
Discard frame. The frame is terminated before transmission.
The following illustrations depicts options for frame forwarding.
Figure 78 •
Frame Forward Options
Inject
If a frame is injected in pipeline point N, the forwarding cannot be changed in
pipeline point N-1 and it will not be counted in the N-1 point. Logically the frame
does not exist in the N-1 point.
Example: A frame is injected in the REW_VRAP pipeline point (Pipeline point =
REW_VRAP, Action = INJ). The SW-MEP is configured to loop the same frame
in the pipeline point REW_SAT. The frame will not be looped, because it was
injected later in the pipeline (REW_VRAP > REW_SAT). The frame will not be
counted by the egress service statistics, which has a default location in the
REW_PORT_VOE pipeline point for injected frames.
Extract
If frame is extracted in pipeline point N the forwarding cannot be changed in
pipeline point N+1 and it will not be counted in the N+1 point. Logically the
frame does not exist in the N+1 point.
Example: A frame is extracted in the REW_IN_MIP pipeline point (Pipeline
point = REW_IN_MIP, Action = XTR). The SW-MEP is configured to loop the
same frame in the pipeline point REW_SAT. The frame will not be looped
because it has already been extracted earlier in the pipeline (REW_IN_MIP <
REW_SAT). The frame will not be counted by the egress service statistics,
which has a default location in the REW_OU_SW pipeline point for extracted
frames.
Table 175 •
Pipeline Point Updating Rules (continued)
Pipeline Action
Rule
IFH
DA
SA
Payload
From OQS
Rewriter
F
C
S
DA
SA
Changed
Payload
To DSM
No action or copy
F
C
S
IFH(1)
SA(2) DA(2)
Discard
Terminate
Payload
To LBK
Copy or redirect
F
C
S
1. The IFH is modified for looped frames.
2. MACs can be swapped for looped frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com