Electronic Components Datasheet Search
  English  ▼

X  

7872RPDB Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7872RPDB
Description  14-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7872RPDB Datasheet(HTML) 3 Page - Maxwell Technologies

  7872RPDB Datasheet HTML 1Page - Maxwell Technologies 7872RPDB Datasheet HTML 2Page - Maxwell Technologies 7872RPDB Datasheet HTML 3Page - Maxwell Technologies 7872RPDB Datasheet HTML 4Page - Maxwell Technologies 7872RPDB Datasheet HTML 5Page - Maxwell Technologies 7872RPDB Datasheet HTML 6Page - Maxwell Technologies 7872RPDB Datasheet HTML 7Page - Maxwell Technologies 7872RPDB Datasheet HTML 8Page - Maxwell Technologies 7872RPDB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
14-Bit A/D Converter
7872
5.21.02 Rev 4
TABLE 3. 7872 DC ELECTRICAL CHARACTERISTICS FOR DYNAMIC PERFORMANCE 1
(V
DD = 5 V ± 5%, VSS = -5 V ± 5%, AGND = DGND = 0 V,
f
CLK = 2 MHZ EXTERNAL, fSAMPLE = 83 KHZ, -55 TO 125
°C UNLESS OTHERWISE SPECIFIED)
1. V
IN = ± 3 V. Guaranteed by design.
PARAMETER
SYMBOL
SUBGROUPS
MIN
TYP
MAX
UNIT
Signal to Noise Ratio V
IN = 10kHz Sine Wave, TMIN to
T
MAX;
SNR is typically 82dB for V
IN < 41.5kHz
2
2. SNR calculation includes distortion and noise components.
SNR
4, 5, 6
79
--
--
dB
Total Harmonic Distortion V
IN = 10kHz Sine Wave
THD
4, 5, 6
--
-86
--
dB
Peak Harmonic or Spurious Noise
--
4, 5, 6
--
-86
--
dB
Intermodulation Distortion
Second Order Terms: f
a = 9 kHz, fb = 9.5 kHz, fSAMPLE
= 50 kHz
Third Order Terms: f
a = 9 kHz, fb = 9.5 kHz, fSAMPLE=
50 kHz
IMD
4, 5, 6
--
--
-86
-86
--
--
dB
Track/Hold Acquisition Time
--
4, 5, 6
--
--
2
µ s
TABLE 4. 7872 DC ELECTRICAL CHARACTERISTICS FOR ACCURACY
(V
DD = 5V ± 5%, VSS = -5 V ± 5%, TA = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
SUGROUPS
MIN
TYP
MAX
UNIT
Resolution
--
1, 2, 3
14
--
--
Bits
Resolution for Which No Missing Codes are Guaran-
teed
--
1, 2, 3
14
--
--
Bits
Integral Nonlinearity @ 25 °C
--
1, 2, 3
--
±1
--
LSB
Integral Nonlinearity T
MIN to TMAX
--
1, 2, 3
--
--
±2
LSB
Bipolar Zero Error
--
1, 2, 3
--
--
±12
LSB
Positive Gain Error 1
1. Measured with respect to internal reference.
--
1, 2, 3
--
--
±12
LSB
Negative Gain Error 1
--
1, 2, 3
--
--
±12
LSB
TABLE 5. 7872 DC ELECTRICAL CHARACTERISTICS FOR ANALOG INPUT
(V
DD = 5V ± 5%, VSS = -5 V ± 5%, TA = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNITS
Input Voltage Range
--
1, 2, 3
-3
3
V
Input Current
--
1, 2, 3
-500
500
µ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com