Electronic Components Datasheet Search
  English  ▼

X  

8408 Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 8408
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8408 Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 8408 Datasheet HTML 7Page - Maxwell Technologies 8408 Datasheet HTML 8Page - Maxwell Technologies 8408 Datasheet HTML 9Page - Maxwell Technologies 8408 Datasheet HTML 10Page - Maxwell Technologies 8408 Datasheet HTML 11Page - Maxwell Technologies 8408 Datasheet HTML 12Page - Maxwell Technologies 8408 Datasheet HTML 13Page - Maxwell Technologies 8408 Datasheet HTML 14Page - Maxwell Technologies 8408 Datasheet HTML 15Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Quad 8-Bit Multiplying CMOS
D/A Converter with Memory
8408
08.20.02 REV 1
TABLE 4. MODE SELECTION TABLE
BASIC APPLICATIONS
Some basic circuit configurations are shown in Figures 8 and 9. Figure 8 shows the 8408 connected in a unipolar con-
figuration (2-Quadrant Multiplication), and Table 5 shows the Code Table. Resistors R1, R2, R3, and R4 are used to
trim full scale output. Full-scale output voltage = VREF –1 LSB = VREF (1–2–8) or VREF x (255/256) with all digital
inputs high. Low temperature coefficient (approximately 50 ppm/°C) resistors or trimmers should be selected if used.
Full scale can also be adjusted using VREF voltage. This will eliminate resistors R1, R2, R3, and R4. In many applica-
tions, R1 through R4 are not required, and the maximum gain error will then be that of the DAC.
Each DAC exhibits a variable output resistance that is code dependent.This produces a code-dependent, differential
nonlinearity term at the amplifier’s output which can have a maximum value of 0.67 times the amplifier’s offset voltage.
This differential nonlinearity term adds to the R-2R resistor ladder differential-nonlinearity; the output may no longer be
monotonic. To maintain monotonicity and minimize gain and linearity errors, it is recommended that the op amp offset
voltage be adjusted to less than 10% of 1 LSB (1 LSB = 2–8 x VREF or 1/256 x VREF), or less than 3.9 mV over the
operating temperature range. Zeroscale output voltage (with all digital inputs low) may be adjusted using the op amp
offset adjustment. Capacitors C1, C2, C3, and C4 provide phase compensation and help prevent overshoot and ring-
ing when using high speed op amps.
Figure 9 shows the recommended circuit configuration for the bipolar operation (4-quadrant multiplication), and Table
6 shows the Code Table. Trimmer resistors R17, R18, R19, and R20 are used only if gain error adjustments are
required and range between 50
Ω and 1000 Ω. Resistors R21, R22, R23, and R24 will range between 50 Ω and 500
Ω. If these resistors are used, it is essential that resistor pairs R9–R13, R10–R14, R11–R15, R12–R16 are matched
both in value and tempco. They should be within 0.01%; wire wound or metal foil types are preferred for best temper-
ature coefficient matching. The circuits of Figure 8 and 9 can either be used as a fixed reference D/A converter, or as
an attenuator with an ac input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com