Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 107 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 107 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 103Page - Microsemi Corporation VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation VSC7511 Datasheet HTML 107Page - Microsemi Corporation VSC7511 Datasheet HTML 108Page - Microsemi Corporation VSC7511 Datasheet HTML 109Page - Microsemi Corporation VSC7511 Datasheet HTML 110Page - Microsemi Corporation VSC7511 Datasheet HTML 111Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
92
The HOST_MATCH flag is used as input into the IS2 keys. This enables further handling of frames either
matching or not matching a host pair in the SMAC_SIP table.
3.8.4
VCAP ES0
This section provides information about the ES0 key and associated actions.
3.8.4.1
ES0 Entry Key Encoding
All frames are subject to one ES0 lookup per destination port. The key in ES0 is generated based on the
frame’s VLAN classification.
VCAP ES0 can hold 256 ES0 entries.
The following table lists the ES0 key.
3.8.4.2
ES0 Action Encoding
The VCAP generates one action vector from the ES0 lookup. The lookup returns a default action vector
per egress port when no entries are matched. There are no difference between an action vector from a
match and a default action vector.
The following table lists the available action fields for ES0. For more information about how the actions
are applied to the VLAN manipulations, see VLAN Editing, page 133.
Table 64 •
ES0 Key
Field Name
Bit
Width
Description
Interface Information
EGR_PORT
0
4
The port number where the frame is transmitted (0-11).
IGR_PORT
4
4
The port number where the frame was received (0-11).
RESERVED
8
2
Reserved. Must be set to don’t care.
L2_MC
10
1
Set if frame’s destination MAC address is a multicast address
(bit 40 = 1).
L2_BC
11
1
Set if frame’s destination MAC address is the broadcast
address (FF-FF-FF-FF-FF-FF).
Tagging Information
VID
12
12
Classified VID that is the result of the VLAN classification in
basic classification and IS1.
DP
24
1
Frame’s drop precedence (DP) level after policing.
PCP
25
3
Classified PCP that is the final result of the VLAN
classification in basic classification and IS1.
Table 65 •
ES0 Action Fields
Action Field
Bit
Width
Description
PUSH_OUTER_TAG 0
2
Controls outer tagging.
0: No ES0 tag A: Port tag is allowed if enabled on port.
1: ES0 tag A: Push ES0 tag A. No port tag.
2: Force port tag: Always push port tag. No ES0 tag A.
3: Force untag: Never push port tag or ES0 tag A.
PUSH_INNER_TAG
2
1
Controls inner tagging.
0: Do not push ES0 tag B as inner tag.
1: Push ES0 tag B as inner tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com