| Electronic Components Datasheet Search |
|
VSC7511 Datasheet(PDF) 110 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 Datasheet(HTML) 110 Page - Microsemi Corporation |
|
110 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 95 Each VCAP has defined various constants and are accessed using the registers listed in the following table. Figure 28 • VCAP Configuration Overview A TCAM entry consists of entry data, an entry mask, and a type-group value. The type-group value is used internally to differentiate between VCAP lookups of different subword sizes. Each TCAM entry has an associated action entry. In addition, the action RAM has an entry for each of the default actions in the VCAP. The entries in the action RAM consists of action data and a counter value. For a write access, the TCAM and action entry must be written to the cache and then copied from the cache to the TCAM/RAM. For a read access, the TCAM and action entry must first be retrieved from the TCAM/RAM before being read from the cache. When a read or write operation is initiated, it is possible to individually select if the operation should be applied to the TCAM and/or action RAM. When data is moved between the cache and the TCAM/RAM, it is always the entire entry that is moved. For VCAPs with several subwords per entry, this must be taken into account if only a single subword of a TCAM entry should be updated. To modify a single subword, the entire TCAM entry must be read, then the subword must be modified in the cache, and finally the entry must be written back to the TCAM. The cache can hold only one VCAP entry (TCAM and action entry) at a time. After the TCAM and action entry are written to the cache, the cache must be copied to the TCAM and RAM before new entries can be written to the cache. VCAP_STICKY Sticky-bit indications None Table 68 • VCAP Constants Register Description Replication ENTRY_WIDTH Width of entry field None ENTRY_CNT Number of entries None ENTRY_SWCNT Number of subwords None ENTRY_TG_WIDTH Width of type-group field None ACTION_DEF_CNT Number of default actions None ACTION_WIDTH Width of action field None CNT_WIDTH Width of counter field None Table 67 • VCAP Configuration Registers (continued) Register Description Replication CACHE Entry Entry mask Action Counter Type-Group TCAM TCAM entry Action RAM Action entry RD/WR/MV operations RD/WR access to cache Register Access |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |