Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 115 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 115 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 111Page - Microsemi Corporation VSC7511 Datasheet HTML 112Page - Microsemi Corporation VSC7511 Datasheet HTML 113Page - Microsemi Corporation VSC7511 Datasheet HTML 114Page - Microsemi Corporation VSC7511 Datasheet HTML 115Page - Microsemi Corporation VSC7511 Datasheet HTML 116Page - Microsemi Corporation VSC7511 Datasheet HTML 117Page - Microsemi Corporation VSC7511 Datasheet HTML 118Page - Microsemi Corporation VSC7511 Datasheet HTML 119Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
100
A new command must not be setup until after the VCAP_UPDATE_CTRL.VCAP_UPDATE_SHOT field
has automatically cleared. Also note that the cache is used by the VCAP while a Move operation is being
performed. As a result, any value in cache prior to a Move operation is lost, and a write is not permitted to
the cache while a Move operation is performed.
The following illustration shows an example of a Move operation.
Figure 32 •
Move Down Operation Example
A Move operation can be performed hitlessly during frame traffic, that is, all entries and actions are still
available during a Move operation, and all hits are counted by the action hit counters. The TCAM entries
at the original positions are invalidated after the Move operation is complete.
During heavy frame traffic, it can take some time for a large move operation to complete, because the
moving of individual rows are restarted each time a lookup is performed. If it is not important that the hit
counters are accurately updated while the move operation is processed,
VCAP_UPDATE_CTRL.MV_TRAFFIC_IGN can be set. This prevents the VCAP from restarting moves
and consequently, decreases the time it takes for the move operation to complete. It may, however, lead
to inaccurate hit counter values. Note that even if MV_TRAFFIC_IGN is set, the VCAP still processes all
lookups correctly.
Default actions can also be moved, however, VCAP_UPDATE_CTRL.UPDATE_ENTRY_DIS must be
set.
If a row is moved to a negative address (above address 0), the row is effectively deleted. If a block is
partly moved above address 0, the block is also only partially deleted. In other words, the rows that are
effectively moved to an address below 0 are not deleted. If one or more rows are deleted during a move
operation, the sticky bit VCAP_STICKY.VCAP_ROW_DELETED_STICKY is set.
3.8.7.2
Initializing A Block of Entries
A block of entries can be set to the value of the cache in a single operation. For example, it can be used
to initialize all TCAM, action, and counter entries to a specific value. The block of entries to initialize can
also include the default action and counter entries.
To perform an initialization operation:
•
Set VCAP_UPDATE_CTRL.UPDATE_ADDR equal to the address of the entry with the lowest
address, among the entries that should be written.
•
Set VCAP_MV_CFG.MV_SIZE to the number of entries that must be included in the initialization
operation: n + 1 entries are included.
•
Set UPDATE_ENTRY_DIS, UPDATE_ACTION_DIS, and/or UPDATE_CNT_DIS to select if the
TCAM, action RAM, and/or the counter RAM should be excluded from the initialization operation.
•
Set VCAP_UPDATE_CTRL.UPDATE_CMD to the initialization operation.
•
Start the initialization operation by setting VCAP_UPDATE_CTRL.VCAP_UPDATE_SHOT.
...
...
...
255
254
253
252
251
250
249
248
247
246
0
...
256
283
...
TCAM
Action
RAM
Entry+Mask+TG
Entry+Mask+TG
Entry+Mask+TG
Action, Counter
Action, Counter
Action, Counter
Entry+Mask+TG
Entry+Mask+TG
Entry+Mask+TG
Action, Counter
Action, Counter
Action, Counter
Default
Actions
Original
position
New
position
UPDATE_ADDR = 247
MV_NUM_POS = 4
MV_SIZE = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com