| Electronic Components Datasheet Search |
|
VSC7511 Datasheet(PDF) 119 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 Datasheet(HTML) 119 Page - Microsemi Corporation |
|
119 / 324 page ![]() Functional Descriptions VMDS-10488 VSC7511 Datasheet Revision 4.2 104 checks the flag AGED_FLAG for all entries in the MAC table. If an entry’s AGED_FLAG is already set and the entry is of entry type 0, the entry is removed. If the AGED_FLAG is not set, it is set to 1. The flag is cleared when receiving frames from the station identified by the MAC table entry. For more information, see Hardware-Based Learning, page 103. 3.9.1.3 CPU Commands The following table lists the set of commands that a CPU can use to access the MAC table. The MAC table command is written to MACACCESS.MAC_TABLE_CMD. Some commands require the registers MACLDATA, MACHDATA, and MACTINDX to be preloaded before the command is issued. Some commands return information in MACACCESS, MACLDATA, and MACHDATA. Table 75 • MAC Table Commands Command Purpose Use LEARN Insert/learn new entry in MAC table. Position given by (MAC, VID) Configure MAC and VID of the new entry in MACHDATA and MACLDATA . Configure remaining entry fields in MACACCESS. The location in the MAC table is calculated based on (MAC, VID). FORGET Delete/unlearn entry given by (MAC, VID). Configure MAC and VID in MACHDATA and MACLDATA. AGE Start age scan. No preload required. Issue command. READ Read entry pointed to by (row, column). Configure row (0-1023) and column (0-3) of the entry to read in: MACTINDX.INDEX (row). MACTINDX.BUCKET (column). MACACCESS.VALID must be set to 0. When MAC_TABLE_CMD changes to IDLE, MACHDATA, MACLDATA, and MACACCESS contain the information read. LOOKUP Lookup entry pointed to by (MAC, VID). Configure MAC and VID of station to look up in MACHDATA and MACLDATA. MACACCESS.VALID must be 1. Issue a READ command. When MAC_TABLE_CMD changes to IDLE, success of the lookup is indicated by MACACESS.VALID. If successful, MACACCESS contains the entry information. WRITE Write entry, MAC table position given by (row, column). Configure MAC and VID of the new entry in MACHDATA and MACLDATA. Configure remaining entry fields in MACACCESS. The location in the MAC table is given by row and column in MACTINDX. INIT Initialize the table. No preload required. Issue command. GET_NEXT Get the smallest entry in the MAC table numerically larger than the specified (MAC, VID). The VID and MAC are evaluated as a 60-bit number with the VID being most significant. Configure MAC and VID of the starting point for the search in MACHDATA and MACLDATA. When MAC_TABLE_CMD changes to IDLE, success of the search is indicated by MACACESS.VALID. If successful, MACHDATA, MACLDATA, and MACACCESS contain the information read. IDLE Indicate that MAC table is ready for new command. No preload required. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |