Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 119Page - Microsemi Corporation VSC7511 Datasheet HTML 120Page - Microsemi Corporation VSC7511 Datasheet HTML 121Page - Microsemi Corporation VSC7511 Datasheet HTML 122Page - Microsemi Corporation VSC7511 Datasheet HTML 123Page - Microsemi Corporation VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
108
3.9.2
VLAN Table
The following table lists the registers associated with the VLAN Table.
The analyzer has a VLAN table that contains information about the members of each of the 4096 VLANs.
The following table lists fields for each entry in the VLAN table.
By default, all ports are members of all VLANs. This default can be changed through a CPU command.
The following table lists the set of commands that a CPU can issue to access the VLAN table. The VLAN
table command is written to VLANACCESS.VLAN_TBL_CMD.
Table 81 •
VLAN Table Access
Register
Description
Replication
VLANTIDX
VID to access, and VLAN flags.
None
VLANACCESS
VLAN port mask for VID and command for access.
None
Table 82 •
Fields in the VLAN Table
Field
Bits
Description
VLAN_PORT_MASK
11
One bit for each port. Set if port is member of VLAN.
The CPU port is always a member of all VLANs.
VLAN_MIRROR
1
Mirror frames received in the VLAN. See Mirroring,
page 117.
VLAN_SRC_CHK
1
VLAN ingress filtering. If set, frames classified to this VLAN
are dropped if PPORT is not member of the VLAN.
VLAN_LEARN_DISABLED 1
Disable learning in the VLAN.
VLAN_PRIV_VLAN
1
Set VLAN to private.
Table 83 •
VLAN Table Commands
Command
Purpose
Use
INIT
Initialize the table
Issue command. When VLAN_TBL_CMD changes to
IDLE, initialization has completed and all ports are
member of all VLANs. All flags are cleared.
READ
Read VLAN table entry
for specific VID.
Configure the VLAN to read from in
VLANTIDX.V_INDEX.
When VLAN_TBL_CMD changes to IDLE,
VLANACCESS, and VLANTIDX contain the information
read.
WRITE
Write VLAN table entry
for specific VID.
Configure the VLAN to write to in VLANTIDX.V_INDEX.
Configure the content of the VLAN record in
VLANACCESS.VLAN_PORT_MASK
VLANTIDX.VLAN_MIRROR
VLANTIDX.VLAN_SRC_CHK
VLANTIDX.VLAN_LEARN_DISABLED
VLANTIDX.VLAN_PRIV_VLAN
IDLE
Indicate that VLAN table
is ready for new
command.
No preload required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com