Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 124Page - Microsemi Corporation VSC7511 Datasheet HTML 125Page - Microsemi Corporation VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
113
The frame’s VID is used as an address for lookup in the VLAN table and the returned VLAN information
is processed as follows:
•
All ports that are not members of the VLAN are removed from DEST, except if the (DMAC, VID)
match in the MAC table has VLAN_IGNORE set, or if there is no match in the MAC table and
AGENCTRL.FLOOD_IGNORE_VLAN is set.
Note These two exceptions are skipped if AGENCTRL.IGNORE_DMAC_FLAGS is set.
•
If the VLAN_PRIV_VLAN flag in the VLAN table is set, the VLAN is private, and isolated and
community ports must be treated differently. An isolated port is identified as an ingress port for which
PPORT is cleared in the ISOLATED_PORTS register. An community port is identified as an ingress
port for which PPORT is cleared in the COMMUNITY_PORTS register. For frames received on an
isolated port, all isolated and community ports are removed from the forwarding decision. For frames
received on a community port, all isolated ports are removed from the forwarding decision.
•
If VLAN ingress filtering is enabled, it is checked whether PPORT is member of the VLAN
(VLAN_PORT_MASK). If this is not the case, DEST is cleared.
VLAN ingress filtering is enabled per port in the VLANMASK register or per VLAN in the
VLAN_SRC_CHK flag in the VLAN table. If either is set, VLAN ingress filtering is performed.
Next, it is checked whether the ingress port is enabled to forward frames to other front ports and the
source mask (PGID[80+PPORT]) is processed as follows:
•
If PORT_CFG.RECV_ENA for PPORT is 0, DEST is cleared.
•
Any ports, which are cleared in PGID[80+PPORT], are removed from DEST.
Finally, SMAC learning is disabled by setting the LRN_DIS flag when either of the following two
conditions is fulfilled as follows:
•
VLAN_LEARN_DISABLED is set in the VLAN table for the VLAN.
•
A frame is subject to VLAN ingress filtering (frame dropped due to PPORT not being member of
VLAN), and ADVLEARN.VLAN_CHK is set.
3.9.3.3
Aggregation
During the aggregation step, link aggregation is handled. The following table lists the registers
associated with aggregation.
The aggregation step ensures that when a frame is destined for an aggregation group, it is forwarded to
exactly one of the group’s member ports.
For non-aggregated ports, there is a one-to-one correspondence between logical port (LPORT) and
physical port (PPORT). The aggregation step does not change the forwarding decision.
For aggregated ports, all physical ports in the aggregation group map to the same logical port, and the
entry in the destination mask table for the logical port includes all physical ports, which are members of
ISOLATED_PORTS
Private VLAN mask. Isolated ports are cleared in this
mask.
None
COMMUNITY_PORTS
Private VLAN mask. Community ports are cleared in this
mask.
None
ADVLEARN.VLAN_CHK If set and VLAN ingress filtering clears DEST, then SMAC
learning is disabled.
None
Table 87 •
Analyzer Aggregation Registers
Register
Description
Replication
PGID[79:64]
Aggregation mask table.
16
Table 86 •
VLAN Analysis Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com