Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 132 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 132 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation VSC7511 Datasheet HTML 135Page - Microsemi Corporation VSC7511 Datasheet HTML 136Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
117
3.9.3.7
sFlow Sampling
This process step handles sFlow sampling. The following table lists the registers associated with sFlow
sampling.
sFlow is a standard for monitoring high-speed switch networks through statistical sampling of incoming
and outgoing frames. Each port in the device can be setup as an sFlow agent monitoring the particular
link and generating sFlow data. If a frame is sFlow sampled, it is copied to the sFlow CPU extraction
queue (CPUQ_SFLOW).
An sFlow agent is configured through SFLOW_CFG with the following options:
•
SF_RATE specifies the probability that the sampler copies a frame to the CPU. Each frame being
candidate for the sampler has the same probability of being sampled. The rate is set in steps of
1/4096.
•
SF_SAMPLE_RX enables incoming frames on the port as candidates for the sampler.
•
SF_SAMPLE_TX enables outgoing frames on the port as candidates for the sampler.
The Rx and Tx can be enabled independently. If both are enabled, all incoming and outgoing traffic on
the port is subject to the statistical sampling given by the rate in SF_RATE.
3.9.3.8
Mirroring
This processing step handles mirroring. The following table lists the registers associated with mirroring.
Frames subject to mirroring are identified based on the following mirror probes:
•
Learn mirroring if ADVLEARN.LEARN_MIRROR is set and frame is a learn frame.
•
CPU mirroring if AGENCTRL.MIRROR_CPU is set and the CPU port is set in DEST.
•
Ingress mirroring if PORT_CFG.SRC_MIRROR_ENA is set.
•
Egress mirroring if any port set in EMIRRORMASK is also set in DEST.
•
VLAN mirroring if VLAN_MIRROR set in the VLAN table entry.
•
VCAP mirroring if an action is hit that requires mirroring.
Table 92 •
sFlow Sampling Registers
Register
Description
Replication
SFLOW_CFG
Configures sFlow samplers (type and rates).
Per port
CPUQ_CFG.CPUQ_SFLOW CPU extraction queue for sFLow sampled frames.
None
Table 93 •
Mirroring Registers
Register
Description
Replication
ADVLEARN.LEARN_MIRROR
For learn frames, ports in this mask (mirror
ports) are added to DEST.
None
AGENCTRL.MIRROR_CPU
Mirror all frames forwarded to the CPU port
module.
None
PORT_CFG.SRC_MIRROR_ENA
Mirror all frames received on an ingress port
(ingress port mirroring).
Per port
EMIRRORMASK
Mirror frames that are to be transmitted on any
ports set in this mask (egress port mirroring).
None
VLANTIDX.VLAN_MIRROR
Mirror all frames classified to a specific VID.
Per VLAN
IS2_ACTION.MIRROR_ENA
Mirror when an IS2 action is hit.
Per VCAP IS2
entry
MIRRORPORTS
When mirroring a frame, ports in this mask are
added to DEST.
None
AGENCTRL.CPU_CPU_KILL_ENA Clear the CPU port if source port is the CPU
port and the CPU port is set in DEST.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com