Electronic Components Datasheet Search
  English  ▼

X  

9042 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 9042
Description  12-Bit, 41 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9042 Datasheet(HTML) 2 Page - Maxwell Technologies

  9042 Datasheet HTML 1Page - Maxwell Technologies 9042 Datasheet HTML 2Page - Maxwell Technologies 9042 Datasheet HTML 3Page - Maxwell Technologies 9042 Datasheet HTML 4Page - Maxwell Technologies 9042 Datasheet HTML 5Page - Maxwell Technologies 9042 Datasheet HTML 6Page - Maxwell Technologies 9042 Datasheet HTML 7Page - Maxwell Technologies 9042 Datasheet HTML 8Page - Maxwell Technologies 9042 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
12-Bit, 41 MSPS A/D Converter
9042
01.07.05 REV 7
TABLE 1. 9042 PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
GND
Ground
2DV
CC
5V Power Supply (Digital)
3
GND
Ground
4
ENCODE
Encode Input. Data conversion initiated on rising edge.
5
ENCODE
Complement of ENCODE. Drive differently with ENCODE or bypass
to Ground for single-ended clock mode.
6
GND
Ground
7
GND
Ground
8
AIN
Analog Input.
9V
OFFSET
Voltage Offset Input. Sets mid-point of analog input range. Normally
tied to V
REF through 50 Ohm resistor.
10
V
REF
Internal Voltage Reference. Nominally 2.4V; normally tied to V
OFFSET
through 50 Ohm resistor. Bypass to Ground with 0.01 µ F capacitor.
11
GND
Ground
12
AV
CC
5V Power Supply (Analog)
13
GND
Ground
14
AV
CC
5V Power Supply (Analog)
15
NC
No Connects.
16
NC
No Connects.
17
D0 (LSB)
Digital Output Bit (Least Significant Bit).
18 - 27
D1 - D10
Digital Output Bits.
28
D11 (MSB)1
1.
Output coded as twos compliment
Digital Output Bit (Most Significant Bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com