Electronic Components Datasheet Search
  English  ▼

X  

ZBVB6 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBVB6
Description  blue light block for head 횠22 integral LED 24V screw clamp terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVB6 Datasheet(HTML) 1 Page - Schneider Electric

  ZBVB6 Datasheet HTML 1Page - Schneider Electric ZBVB6 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 5, 2020
1
Product data sheet
Characteristics
ZBVB6
blue light block for head Ø22 integral LED 24V
screw clamp terminals
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Harmony XB4
Harmony XB5
Product or component
type
Light block
Device short name
ZBV
Sale per indivisible
quantity
5
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable
end EN 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without ca-
ble end EN 60947-1
Signalling type
Steady
Light source
Protected LED
Bulb base
Integral LED
Light block supply
Direct
Light source colour
Blue
[Us] rated supply volt-
age
24 V AC/DC 50/60 Hz
Complementary
Net weight
0.04 lb(US) (0.017 kg)
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross Philips no 1
Cross pozidriv No 1
Slotted flat Ø 4 mm
Slotted flat Ø 5.5 mm
Supply voltage limits
19.2…30 V DC
21.6…26.4 V AC
Current consumption
18 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-4-5
Mounting of block
Front mounting
Electrical composition code
M1
M2
M3
M4
M5
M6
M10
MF1
P1
P2
PF1
Device presentation
Basic element


Similar Part No. - ZBVB6

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVB63 SCHNEIDER-ZBVB63 Datasheet
158Kb / 3P
Light block, Harmony XB4, Harmony XB5, blue for head 횠22 mm integral LED 24 V faston connector
Nov 1, 2021
ZBVB64 SCHNEIDER-ZBVB64 Datasheet
167Kb / 4P
blue light block for head 횠22 integral LED 24V plug-in connector
Nov 1, 2021
ZBVB65 SCHNEIDER-ZBVB65 Datasheet
147Kb / 4P
Harmony XB4, Light block for head 횠22, blue, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB67 SCHNEIDER-ZBVB67 Datasheet
103Kb / 3P
Light block, Harmony XB4, Harmony XB5, blue for head 횠22 mm integral LED 24 V pins
Nov 1, 2021
More results

Similar Description - ZBVB6

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBV18B3 SCHNEIDER-ZBV18B3 Datasheet
136Kb / 3P
Light block, Harmony XB4, Harmony XB5, green flashing for head 횠22 mm integral LED 24 V screw clamp terminals
Nov 1, 2021
ZBV18G4 SCHNEIDER-ZBV18G4 Datasheet
136Kb / 3P
Light block, Harmony XB4, Harmony XB5, red flashing for head 횠22 mm integral LED 120 V screw clamp terminals
Nov 1, 2021
ZBV18M3 SCHNEIDER-ZBV18M3 Datasheet
135Kb / 3P
Light block, Harmony XB5, Harmony XB4, green flashing for head 횠22 mm integral LED 240 V screw clamp terminals
Nov 1, 2021
ZBVB64 SCHNEIDER-ZBVB64 Datasheet
167Kb / 4P
blue light block for head 횠22 integral LED 24V plug-in connector
Nov 1, 2021
ZBVJ6 SCHNEIDER-ZBVJ6 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, blue, integral LED, screw clamp terminal, 12 V AC/DC
Nov 1, 2021
ZALVG1 SCHNEIDER-ZALVG1 Datasheet
137Kb / 3P
white light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
ZALVG3 SCHNEIDER-ZALVG3 Datasheet
137Kb / 3P
green light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
ZALVG4 SCHNEIDER-ZALVG4 Datasheet
137Kb / 3P
red light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
ZALVG5 SCHNEIDER-ZALVG5 Datasheet
137Kb / 3P
orange light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
ZALVG6 SCHNEIDER-ZALVG6 Datasheet
137Kb / 3P
blue light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com