Electronic Components Datasheet Search
  English  ▼

X  

S1200SPOR Datasheet(PDF) 1 Page - Intel Corporation

Part # S1200SPOR
Description  Reliable, Cost Effective, Easy-to-Manage Server Board in a microATX Form Factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S1200SPOR Datasheet(HTML) 1 Page - Intel Corporation

  S1200SPOR Datasheet HTML 1Page - Intel Corporation S1200SPOR Datasheet HTML 2Page - Intel Corporation S1200SPOR Datasheet HTML 3Page - Intel Corporation S1200SPOR Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
product brief
Reliable, Cost Effective,
Easy-to-Manage Server Board
in a microATX Form Factor
Intel® Server Board S1200SP Product Family featuring Intel® Xeon® processor
E3-1200 v6 family
SMB, Embedded, Storage and Security Appliance Applications
Outstanding Performance with Manageability
Small businesses need a robust and cost effective server that can scale as they grow.
The Intel® Server Board S1200SP Product Family meets this need in a pedestal or
rack system that scales via SATA and PCIe* expansion options for increased storage,
functionality or faster networking speed. The Intel® Xeon® processors E3-1200 v6
product family has the processing to deliver reliability, durability and performance
with server management features that make this server ideal for small and medium
businesses (SMB), web hosting, content delivery, storage, and security.
Key Features
• Intel® Xeon® processors E3-1200 v6 performance with dual 1GBase-T connectivity
• Intel’s industry-leading cryptographic isolation technology, Intel® Software
Guard Extensions (SGX), supported on Intel® Server Board S1200SPOR,
reducing expenses associated with cypto-processor based HSMs
• Maximum memory via 4 DDR4 ECC UDIMM sockets, supporting 2133MT/S
memory
• High expansion with up to 3 PCIe Gen3 x8 expansion slots, SAS and Intel®
Integrated RAID Module support
• Storage flexibility with up to 8 SATA 6G drives, SATA DOM and M.2 options
• Server Management features including a 1GBase-T dedicated management port,
IPMI* 2.0 and BMC, and optional Remote Management Key
System Level Options for Flexibility and Choice
The S1200SP family is configurable with both a rack-mount or pedestal chassis,
making it versatile for office or data center installations.
• Intel® Server System R1000SPO family: 1U Rack System based on the
S1200SPOR server board, ideal for embedded, storage or security
appliances and web hosting rack installations
• Intel® Server Chassis P4000-S family: 4U Pedestal chassis for the S1200SPLR and
S1200SPSR boards, supporting higher PCIe flexibility is ideal for SMB applications
Built with Intel® Quality, Reliability and Performance
Intel® Server Products are backed by Intel’s design excellence and manufacturing
expertise to deliver processing power with high levels of flexibility, manageability
and reliability. Product quality is paired with 3-year standard warranties and robust
technical and incident resolution support to ensure customer satisfaction.


Similar Part No. - S1200SPOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1200 ETC-S1200 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
Seiko Instruments Inc
S1200 SII-S1200 Datasheet
1Mb / 37P
HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
logo
Mersen
S1200041 MERSEN-S1200041 Datasheet
2Mb / 18P
HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
0922
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
65Kb / 1P
SPARK QUENCHER
More results

Similar Description - S1200SPOR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FLE-119-01-G-DV-K SAMTEC-FLE-119-01-G-DV-K Datasheet
988Kb / 1P
COST EFFECTIVE RELIABLE SOCKET
HLE-108-02-L-DV SAMTEC-HLE-108-02-L-DV Datasheet
832Kb / 1P
COST-EFFECTIVE RELIABLE SOCKET
HLE10702LDV SAMTEC-HLE10702LDV Datasheet
832Kb / 1P
COST-EFFECTIVE RELIABLE SOCKET
FLE-115-01-G-DV-A SAMTEC-FLE-115-01-G-DV-A Datasheet
608Kb / 1P
COST EFFECTIVE RELIABLE SOCKET
logo
Murata Manufacturing Co...
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
cost-effective and reliable availability
CSTLS4M00G53-A0 MURATA-CSTLS4M00G53-A0 Datasheet
192Kb / 3P
cost-effective and reliable availability
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
cost-effective and reliable availability
CSTLS4M09G56-B0 MURATA-CSTLS4M09G56-B0 Datasheet
193Kb / 3P
cost-effective and reliable availability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com