Electronic Components Datasheet Search
  English  ▼

X  

S2600WT2 Datasheet(PDF) 54 Page - Intel Corporation

Part # S2600WT2
Description  Technical Product Specification (TPS)
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S2600WT2 Datasheet(HTML) 54 Page - Intel Corporation

Back Button S2600WT2 Datasheet HTML 50Page - Intel Corporation S2600WT2 Datasheet HTML 51Page - Intel Corporation S2600WT2 Datasheet HTML 52Page - Intel Corporation S2600WT2 Datasheet HTML 53Page - Intel Corporation S2600WT2 Datasheet HTML 54Page - Intel Corporation S2600WT2 Datasheet HTML 55Page - Intel Corporation S2600WT2 Datasheet HTML 56Page - Intel Corporation S2600WT2 Datasheet HTML 57Page - Intel Corporation S2600WT2 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 176 page
background image
Intel® Server Board S2600WT Technical Product Specification
52
5.4.3
Intel® Integrated RAID Option
The server board provides support for Intel® Integrated RAID modules. These optional modules attach to a
high density 80-pin connector labeled “SAS Module” on the server board and are supported by x8 PCIe* 3.0
signals from the IIO module of the CPU 1 processor.
Figure 18. Server Board Layout – Intel® Integrated RAID Module Option Placement
Please visit the Intel® Server Configurator Tool at the following website for a list of supported Intel®
Integrated RAID options:
https://serverconfigurator.intel.com
5.5 Serial ATA (SATA) Support
The server board utilizes two chipset embedded AHCI SATA controllers, identified as SATA and sSATA,
providing for up to ten 6 Gb/sec Serial ATA (SATA) ports.
The AHCI
SATA controller provides support for up to six SATA ports on the server board
•
Four SATA ports from the Mini-SAS HD (SFF-8643) connector labeled “SATA Ports 0-3” on the server
board
•
Two SATA ports accessed via two white single port connectors labeled “SATA-4” and “SATA-5” on
the server board
The AHCI
sSATA controller provides support for up to four SATA ports on the server board
•
Four SATA ports from the Mini-SAS HD (SFF-8643) connector labeled “sSATA Ports 0-3” on the
server board
The following diagram identifies the location of all on-board SATA features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com