Electronic Components Datasheet Search
  English  ▼

X  

OP400 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # OP400
Description  Quad Low-Offset, Low-Power Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP400 Datasheet(HTML) 2 Page - Maxwell Technologies

  OP400 Datasheet HTML 1Page - Maxwell Technologies OP400 Datasheet HTML 2Page - Maxwell Technologies OP400 Datasheet HTML 3Page - Maxwell Technologies OP400 Datasheet HTML 4Page - Maxwell Technologies OP400 Datasheet HTML 5Page - Maxwell Technologies OP400 Datasheet HTML 6Page - Maxwell Technologies OP400 Datasheet HTML 7Page - Maxwell Technologies OP400 Datasheet HTML 8Page - Maxwell Technologies OP400 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OP400
2
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
Quad Low-Offset, Low-Power Operational Amplifier
09.12.02 REV 5
TABLE 1. PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 7, 10, 16
OUT A - D
Output Signal
2, 6, 11, 15
-IN A - D
Negative Input Signal
3, 5, 12, 14
+IN A - D
Positive Input Signal
8, 9
NC
Not Connected
4
V+
Positive Voltage
13
V-
Negative Voltage
TABLE 2. OP400 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
±20
V
Differential Input Voltage
±30
V
Input Voltage
Supply Voltage
Output Short-Circuit Duration
Continuous
Storage Temperature Range
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
ICC
±10% of specified value in Table 4
TABLE 4. OP400 DC ELECTRICAL CHARACTERISTICS
(V
S = ±15V, TA = -55 TO 125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Input Offset Voltage
V
OS
+25°C
1
---
40
150
µ V
-55 to 125°C
2, 3
--
70
270
Long Term Input Voltage Stability
---
1, 2, 3
---
0.1
---
µ V/mo
Input Offset Current
I
OS
V
CM = 0V
+25°C
1
---
0.1
1.0
nA
-55 to 125°C
2, 3
0.1
2.5
Input Bias Current
I
B
V
CM = 0V
+25°C
1
---
0.75
3.0
nA
-55 to 125°C
2, 3
1.30
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com