Electronic Components Datasheet Search
  English  ▼

X  

JMF608 Datasheet(PDF) 3 Page - JMicron Technology Corporation

Part # JMF608
Description  SATA III NAND Flash Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMF608 Datasheet(HTML) 3 Page - JMicron Technology Corporation

  JMF608 Datasheet HTML 1Page - JMicron Technology Corporation JMF608 Datasheet HTML 2Page - JMicron Technology Corporation JMF608 Datasheet HTML 3Page - JMicron Technology Corporation JMF608 Datasheet HTML 4Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JMF608
Supports 1-port 1.5/3.0/6.0Gbps SATA I/II/III interface.
Support ATA-8 command set
Supports Partial/Slumber/Device Sleep and dynamic power management.
Support S.M.A.R.T (Self-Monitoring, Analysis and Reporting Technology).
NAND Flash Controller
Support 4 hardware channels with 4 CE pins per channel to NAND flash memory.
On-chip data buffer RAM.
Support Toshiba 24nm/19nm MLC and Micron 25nm/20nm MLC NAND flash
memory.
Support Legacy/Toggle 1.0/2.0/ONFI 2.3/3.0 NAND flash memory.
Support up to 300Mbps burst read and 200Mbps burst write to NAND flash memory.
Enhanced endurance by dynamic/static wear-leveling.
Supports 8K/16K bytes page size.
Supports 8/16/24/40-bit per 1KB BCH ECC.
Support Shift-Read Feature of NAND flash memory
Block Diagram
Figure 1
Block Diagram
CPU
Data Buffer
RAM
ROM
GPIO
Controller
Sensor,
LED,
SPI
Program
SRAM
SATA 6G
PHY
POR
SATA
Controller
NAND Flash
Controller
Clock Gen
Up to 4CH x 4CE
(16 Targets)
NAND
Flash
Memory
25MHz
Crystal
SATA
HOST
Configuration



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com