Electronic Components Datasheet Search
  English  ▼

X  

LSRFUG42292 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRFUG42292
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFUG42292 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFUG42292 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRFUG42292 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PART NO. LSRFUG42292/R1-PF
630
Dominant
wave
length
λDnm
Tstg
Storage Temperature
-40 ~ +100
Forward
voltage
@20mA(V)
1.5
1.7
Min.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Spectral
halfwidth
△λnm
MATERIAL
PART NO
Red
Green
Emitted
LSRFUG42292/R1-PF
AlGaInP
White Diffused
Lens
30
20
COLOR
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
350
Typ.
2.6
2.4
Typ.
220
Min.
70
70
℃
-40 ~ +85
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
25
IF
Topr
Ir
PD
IFP
10
75
65
Symbol
SRF
Page 2/9
mA
25
10
65
75
℃
μA
mA
mW
UG
UNIT
AlGaInP
574
220
120



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com