Electronic Components Datasheet Search
  English  ▼

X  

2SA1213SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SA1213SQ
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SA1213SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SA1213SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA1213SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA1213SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1213SQ
PNP Transistor
2 / 3
www.pingjingsemi.com
Revision:1.0 Jan-2019
-1
-10
-100
-1000
10
100
1000
-1000
-300
-100
-30
-10
-3
-1
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
10
100
1000
-1
-10
-100
-1000
-1000
-1
-10
-100
-1000
-10
-100
-1000
-0
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-200
-400
-600
-800
-1000
-2000
30
-3
T
a
=100 ℃
T
a
=25 ℃
COMMON EMITTER
V
CE
=-2V
h
FE
—— I
C
300
-500
-30
COLLECTOR CURRENT
I
C
(mA)
T
a
=100 ℃
T
a
=25 ℃
I
C
—— V
BE
V
CE
=-2V
BASE-EMITTER VOLTAGE
V
BE
(V)
300
30
C
ob
C
ib
-0.3
-20
-3
f=1MHz
I
E
=0/I
C
=0
T
a
=25 ℃
C
ob/Cib
—— V
CB/VEB
REVERSE VOLTAGE
V
(V)
-300
-200
-3
T
a
=100 ℃
T
a
=25 ℃
β=20
-30
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
V
BEsat
—— I
C
COLLECTOR CURRENT
I
C
(mA)
T
a
=100 ℃
-300
-30
-300
-30
V
CEsat
—— I
C
T
a
=25 ℃
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25 ℃
-6mA
-5.4mA
-4.8mA
-4.2mA
-3.6mA
-3mA
-2.4mA
-1.8mA
-1.2mA
I
B
=-600uA
Static Characteristic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com