Electronic Components Datasheet Search
  English  ▼

X  

R-522.5DA Datasheet(PDF) 1 Page - Recom International Power

Part # R-522.5DA
Description  INNOLINE DC/DC-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-522.5DA Datasheet(HTML) 1 Page - Recom International Power

  R-522.5DA Datasheet HTML 1Page - Recom International Power R-522.5DA Datasheet HTML 2Page - Recom International Power R-522.5DA Datasheet HTML 3Page - Recom International Power R-522.5DA Datasheet HTML 4Page - Recom International Power R-522.5DA Datasheet HTML 5Page - Recom International Power R-522.5DA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
128
www.recom-international.com
24-August-2005
2, 3, 4, 5 AMP
SIP12
Vertical &
&
Horizontal
INNOLINE
DC/DC-Converter
R-5xxxPA
_DA Series
● Auto-sense
● Non-Isolation
● Synchronous rectification design
● Adjustable Output voltage
● 2, 3, 4 & 5AMP Adjustable Positive
Step Down Integrated Switching Regulator
● Over load protection (125% full load typical)
● Remote ON/OFF Control(Ground Off)
● Wide Input Range
● Continuous short circuit protection
(Very low short input current: Iin<50mA)
● Input voltage range 4.5V~18V
● Efficiency to 96%
Features
Selection Guide
Part
Inpu
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage
Adjust Range
Current
min
max
SIP12
(V)
(V)
(V)
(A)
Vin
12V
Vin
R-521.2xA
4.5 – 18
1.2
1.0 – 3.0
2
83
79
75
R-521.8xA
4.5 – 18
1.8
1.1 – 4.5
2
88
85
82
R-522.5xA
4.5 – 18
2.5
1.6 – 5.5
2
91
88
86
R-523.3xA
4.5 – 18
3.3
1.6 – 5.5
2
92
90
89
R-525.0xA
6.5 – 18
5.0
3.0 – 5.5
2
95
93
92
R-531.2xA
4.5 – 18
1.2
1.0 – 3.0
3
85
84
82
R-531.8xA
4.5 – 18
1.8
1.1 – 4.5
3
89
88
86
R-532.5xA
4.5 – 18
2.5
1.6 – 5.5
3
92
91
89
R-533.3xA
4.5 – 18
3.3
1.6 – 5.5
3
94
93
92
R-535.0xA
6.5 – 18
5.0
3.0 – 5.5
3
96
95
94
R-541.2xA
4.5 – 18
1.2
1.0 – 3.0
4
82
81
79
R-541.8xA
4.5 – 18
1.8
1.1 – 4.5
4
87
86
85
R-542.5xA
4.5 – 18
2.5
1.6 – 5.5
4
91
89
88
R-543.3xA
4.5 – 18
3.3
1.6 – 5.5
4
93
92
91
R-545.0xA
6.5 – 18
5.0
3.0 – 5.5
4
95
94
93
R-551.2xA
4.5 – 18
1.2
1.0 – 3.0
5
81
80
78
R-551.8xA
4.5 – 18
1.8
1.1 – 4.5
5
86
85
84
R-552.5xA
4.5 – 18
2.5
1.6 – 5.5
5
90
89
88
R-553.3xA
4.5 – 18
3.3
1.6 – 5.5
5
92
91
90
R-555.0xA
7.0 – 18
5.0
3.0 – 5.5
5
94
93
92
Note: Vin -Vout
≥ 1.5V if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-5XXX series is a high performance 1.2V to 5.0V , 2Amp to 5Amp,12-Pin SIP (single in-line
package) integrated switching regulator (ISR). Synchronuous - rectified design yields excellent efficien-
cies up to 96%.Short circuit protection with crowbar function to reduce the short current under 50mA
of input current. Autosense function compensates for any losses in long circuit loops.
Description


Similar Part No. - R-522.5DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-522.5DA RECOM-R-522.5DA Datasheet
202Kb / 6P
2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-522.5DA RECOM-R-522.5DA Datasheet
105Kb / 6P
2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-522.5DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
INNOLINE DC/DC-Converter
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
INNOLINE DC/DC-Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com