Electronic Components Datasheet Search
  English  ▼

X  

FMMT491-MY Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FMMT491-MY
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FMMT491-MY Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FMMT491-MY Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491-MY Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491-MY Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FMMT491-MY Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.1
1
10
1
10
100
1000
10
10
100
1
10
100
1000
10
100
1000
02
46
8
10
0
100
200
300
400
200
400
600
800
1000
1
10
100
1000
1
10
100
1000
10
100
1000
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0
50
100
150
200
250
300
C
ob
C
ib
f=1MHz
I
E
=0/ I
C
=0
Ta=25
oC
REVERSE VOLTAGE
V
(V)
20
COMMON EMITTER
V
CE
=5V
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
500
3
60
Ta=100℃
Ta=25℃
β=10
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
T
a
=25℃
2mA
1.8mA
1.6mA
1.4mA
1.2mA
1mA
0.8mA
0.6mA
0.4mA
I
B
=0.2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
=5V
BASE-EMMITER VOLTAGE
V
BE
(mV)
COMMON EMITTER
V
CE
=5V
Ta=25
oC
Ta=100
oC
COLLECTOR CURRENT
I
C
(mA)
2000
β=10
Ta=100℃
Ta=25℃
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
Ta
(
)
℃
FMMT491-MY
PNP Transistor
3 / 4
www.pingjingsemi.com
Revision:1.0 Feb-2019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com