Electronic Components Datasheet Search
  English  ▼

X  

MMBTRA222SS Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRA222SS
Description  PNP Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRA222SS Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRA222SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA222SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA222SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA222SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA222SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA222SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-500
OUTPUT CURRENT Io (mA)
Vo=-5V
10
-1
50
30
100
1K
500
300
3K
-30
0
-100
-50
-300
GI - Io
Ta=25 C
Ta=-25 C
Ta=
100
C
-10
-3
-30
o
-300
-100
o
o
-1K
INPUT OFF VOLTAGE VI(OFF) (V)
-1.0
-0.2
-0.4
-0.8
-0.6
-1.4
-1.2
-1.6
Vo=-5V
Vo=-0.3V
-3
-1K
-3K
-5K
-0.3
-0.1
-0.5
-1
-300
-30
-5
-10
-50
-100
-500
Io - VI(OFF)
INPUT ON VOLTAGE VI(ON) (V)
-0.3
-1
-3
-10
-300
-30 -100
-1K
Io - VI(ON)
Ta=-25 C
Ta=25 C
o
o
-500
OUTPUT CURRENT Io (mA)
-1.2
INPUT OFF VOLTAGE VI(OFF) (V)
GI - Io
10
100
30
50
-1
-3
1K
300
500
3K
Vo=-5V
Ta=
100
C
-30
-10
-100
Ta=25 C
Ta=-25 C
o
o
o
-0.4
0
-30
-0.2
-100
-50
-300
-0.8
-0.6
-1.0
-300
-1K
-1.6
-1.4
INPUT ON VOLTAGE VI(ON) (V)
-100
-3
-1K
-5K
-3K
Vo=-5V
-0.3
-0.5
-1
-0.3
-0.1
Io - VI(OFF)
-10
-3
-1
-30
Vo=-0.3V
-300
-30
-5
-10
-50
-100
-500
Ta=-25 C
Ta=25 C
o
o
Io - VI(ON)
-1K
-300
MMBTRA226SS
MMBTRA225SS
MMBTRA225SS
MMBTRA226SS
MMBTRA226SS
MMBTRA225SS
MMBTRA221SS~MMBTRA226SS
PNP Digital Transistor
5 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com