Electronic Components Datasheet Search
  English  ▼

X  

MMBTRA224SS Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRA224SS
Description  PNP Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRA224SS Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRA224SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA224SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA224SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA224SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA224SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA224SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INPUT OFF VOLTAGE VI(OFF) (V)
Vo=-5.0V
1
-1
10
5
3
50
30
300
100
-100
OUTPUT CURRENT Io (mA)
-3
-10
-30
-300
-1K
Ta=-25 C
Ta=25 C
Ta
=1
00
C
o
GI - Io
o
o
-50
Vo=-5V
-0.3
-0.6
-100
-0.4
-30
-50
-500
-300
-1K
-0.5
-3K
-5K
-0.1
-0.3
-5
-1
-3
-10
-30
-1.4
-1.0
-0.8
-1.2
-1.8
-1.6
-2.0
-30
INPUT ON VOLTAGE VI(ON) (V)
Io - VI(OFF)
-3
-1
-10
Ta=-25 C
Ta=25 C
o
o
-300
-100
-1K
Vo=-0.3V
-500
-100
-300
Io - VI(ON)
INPUT OFF VOLTAGE VI(OFF) (V)
-300
OUTPUT CURRENT Io (mA)
-1
1
-3
-10
-30
-100
Ta=
100
C
5
10
3
30
50
300
100
Vo=-5.0V
Ta=-25 C
Ta=25 C
o
o
o
GI - Io
-1K
-50
-100
INPUT ON VOLTAGE VI(ON) (V)
-0.8
-100
-0.4
-30
-50
-0.6
-500
-300
-1K
-1.2
-1.0
-1.4 -1.6
-1
-0.5
-0.1
-5K
-3K
-0.3
Vo=-5V
-0.3
-5
-1
-3
-10
-30
-10
Io - VI(OFF)
-3
-30
Ta=-25 C
o
Ta=25 C
o
-1.8 -2.0
-300 -1K
-500
-100
-300
Vo=-0.3V
Io - VI(ON)
MMBTRA221SS
MMBTRA222SS
MMBTRA222SS
MMBTRA221SS
MMBTRA221SS
MMBTRA222SS
MMBTRA221SS~MMBTRA226SS
PNP Digital Transistor
3 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018
Typical Characteristic Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com