Electronic Components Datasheet Search
  English  ▼

X  

MMBTRA225SS Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRA225SS
Description  PNP Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRA225SS Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRA225SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA225SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA225SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA225SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA225SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRA225SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-0.6
Vo=-5V
1
-1
3
10
5
100
30
50
300
-0.4
-30
-100
OUTPUT CURRENT Io (mA)
-10
-3
-30
-300
-1K
-1.4
INPUT OFF VOLTAGE VI(OFF) (V)
Ta
=1
00
C
o
Ta=-25 C
Ta=25 C
o
o
-1.0
-0.8
GI - Io
-1.2
-1.8
-1.6
-2.0
-500
Vo=-0.3V
Vo=-5V
-0.3
-100
-50
-500
-300
-3K
-1K
-5K
-5
-0.5
-0.1
-0.3
-1
-3
-50
-10
-30
-100
-300
Io - VI(OFF)
-30
INPUT ON VOLTAGE VI(ON) (V)
Ta=25 C
-3
-1
-10
Ta=-25 C
o
o
-300
-100
-1K
Io - VI(ON)
INPUT OFF VOLTAGE VI(OFF) (V)
o
Ta=
100
C
OUTPUT CURRENT Io (mA)
10
30
50
100
-1
-3
Ta=-25 C
Ta=25 C
-30
-10
-100
o
o
-0.8
1K
300
500
3K
Vo=-5V
-0.4
-30
-0.6
GI - Io
-1.2
-1.0
-1.4 -1.6
-300
-1K
-1.8 -2.0
-500
-100
INPUT ON VOLTAGE VI(ON) (V)
-50
-100
-300
-500
-3K
-1K
-5K
Vo=-5V
Io - VI(OFF)
-1
-5
-0.1
-0.5
-0.3
-3
-1
-0.3
-50
-30
-10
-300
-100
Vo=-0.3V
-10
Ta=25 C
Ta=-25 C
-3
o
o
-30
-300 -1K
Io - VI(ON)
MMBTRA223SS
MMBTRA224SS
MMBTRA223SS
MMBTRA224SS
MMBTRA223SS
MMBTRA224SS
MMBTRA221SS~MMBTRA226SS
PNP Digital Transistor
4 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com