Electronic Components Datasheet Search
  English  ▼

X  

HC-12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HC-12
Description  Wireless Serial Port Communication Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HC-12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HC-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers HC-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
e.g.:
Send “AT” command to module, and the module returns “OK”.
②
AT+Bxxxx
Change the serial port baud rate. The baud rate can be set to be 1,200bps, 2,400bps,
4,800bps, 9,600bps, 19,200bps, 38,400bps, 57,600bps, and 115,200bps. The default
value is 9,600bps.
e.g.: To set serial port baud rate of module to be 19,200bps, first send “AT+B19200”
command to module, and the module returns “OK+B19200”.
③
AT+Cxxxx
Change wireless communication channel, optional from 001 to 127 (for the wireless
channel exceeding 100, the communication distance cannot be ensured). The default
value of wireless channel is 001, and the working frequency is 433.4MHz. The
channel stepping is 400KHz, and the working frequency of Channel 100 is
473.0MHz.
e.g.:
To set the module to work at Channel 21, first send “AT+C021” command to the
module, and the module returns “COK+C021”. After exiting from the command mode,
the module will work at Channel 21, and the working frequency is 441.4MHz.
Note: As the wireless receiving sensitivity of HC-12 module is relatively high, when
the serial port baud rate is greater than 9,600bps, five adjacent channels shall be
staggered to use. When the serial port baud rate is not greater than 9,600bps, in
short-distance (within 10m) communication, also five adjacent channels shall be
staggered to use.
④
AT+FUx
Change serial port transparent transmission mode of module and three modes are
available, namely, FU1, FU2 and FU3. The default mode of module is FU3, and only
when serial port transparent transmission mode of two modules is set to be the same,
can normal communication be available. For detailed introduction, please see the
above “wireless serial port transparent transmission”.
e.g.:
Send “AT+FU1” to module, and the module returns “AT+0K”.
⑤
AT+Px
Set transmitting power of module, x is optional from 1 to 8, and the corresponding
transmitting power of module is as shown below:
x value
1
2
3
4
5
6
7
8
Transmitting
power of
module
(dBm)
-1
2
5
8
11
14
17
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com