Electronic Components Datasheet Search
  English  ▼

X  

1018044 Datasheet(PDF) 2 Page - SICK AG

Part # 1018044
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018044 Datasheet(HTML) 2 Page - SICK AG

  1018044 Datasheet HTML 1Page - SICK AG 1018044 Datasheet HTML 2Page - SICK AG 1018044 Datasheet HTML 3Page - SICK AG 1018044 Datasheet HTML 4Page - SICK AG 1018044 Datasheet HTML 5Page - SICK AG 1018044 Datasheet HTML 6Page - SICK AG 1018044 Datasheet HTML 7Page - SICK AG 1018044 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KT5W-2P1116 | KT5
CONTRAST SENSORS
Ordering information
Type
Part no.
KT5W-2P1116
1018044
Other models and accessories
www.sick.com/KT5
Detailed technical data
Features
Dimensions (W x H x D)
30.4 mm x 53 mm x 80 mm
Sensing distance
10 mm 1)
Housing design (light emission)
Rectangular
Light source
LED, RGB 2)
Wave length
470 nm, 525 nm, 640 nm
Light emission
Long and short side of housing, exchangeable
Light spot size
1.2 mm x 4.2 mm
Light spot direction
Vertical 3)
Adjustment
Teach-in button
Teach-in mode
Static 2-point teach-in
1) From front edge of lens.
2) Average service life: 100,000 h at TU = +25 °C.
3) In relation to long side of housing.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 5 Vpp 2)
Power consumption
< 80 mA 3)
Switching frequency
10 kHz 4)
Response time
50 µs 5)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Short-circuit-proof.
7) Reference voltage DC 50 V.
2
REGISTRATION SENSORS | SICK
Product data sheet | 2020-06-15 16:56:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com