Electronic Components Datasheet Search
  English  ▼

X  

XC62HP2002PR Datasheet(PDF) 28 Page - Torex Semiconductor

Part # XC62HP2002PR
Description  Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2002PR Datasheet(HTML) 28 Page - Torex Semiconductor

Back Button XC62HP2002PR Datasheet HTML 24Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 25Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 26Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 27Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 28Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 29Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 30Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 31Page - Torex Semiconductor XC62HP2002PR Datasheet HTML 32Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
w-71
XC62HR Series
Positive Voltage Regulators
0.0
0.2
0.4
0
2
1
3
5
7
4
6
8
(11) CE PIN TRANSIENT RESPONSE
XC62HR5002 (5V)
IOUT=1mA
XC62HR5002 (5V)
XC62HR5002 (5V)
CE=1.5V CE pin input Voltage
CE=0.25V
Output Voltage
0.0
0.2
0.4
0
2
1
3
5
7
4
6
8
CE=1.5V CE pin input Voltage
CE=0.25V
Output Voltage
0.0
0.2
0.4
0
2
1
3
5
7
4
6
8
CE=1.5V CE pin input Voltage
CE=0.25V
Output Voltage
IOUT=10mA
IOUT=100mA
TIME (msec)
TIME (msec)
TIME (msec)
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com