| Electronic Components Datasheet Search |
|
SAME70N21 Datasheet(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAME70N21 Datasheet(HTML) 30 Page - Microchip Technology |
|
30 / 41 page ![]() 17. Serial Synchronous Controller (SSC) 17.1 Inverted Left/Right Channels When the SSC is in Slave mode, the TF signal is derived from the codec and not controlled by the SSC. The SSC transmits the data when detecting the falling edge on the TF signal after the SSC transmission is enabled. In some cases of overflow, a left/right channel inversion may occur. When this occurs, the SSC must be reinitialized. Workaround Using the SSC in Master mode will ensure that TF is controlled by the SSC and no error occurs. If the SSC must be used in TF Slave mode, the SSC must be started by writing TXEN and RXEN synchronously with the TXSYN flag rising in the SSC_SR. Affected Silicon Revisions A B X 17.2 Unexpected TD Output Delay An unexpected delay on TD output may occur when the SSC is configured with the following conditions: • The START bit in the RCMR register = Start on falling edge/Start on Rising edge/Start on any edge • The FSOS bit in the RFMR register = None (input) • The START bit in the TCMR register = Receive Start Under these conditions, an unexpected delay of two or three system clock cycles is added to the TD output. Workaround None. Affected Silicon Revisions A B X X SAM E70/S70/V70/V71 Family Serial Synchronous Controller (SSC) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |