Electronic Components Datasheet Search
  English  ▼

X  

1502SB Datasheet(PDF) 2 Page - Belden Inc.

Part # 1502SB
Description  Multi-Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1502SB Datasheet(HTML) 2 Page - Belden Inc.

  1502SB Datasheet HTML 1Page - Belden Inc. 1502SB Datasheet HTML 2Page - Belden Inc. 1502SB Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Red & Black
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +75°C
Non-UL Temperature Rating:
75°C
Bulk Cable Weight:
58.040 Kg/Km
Max. Recommended Pulling Tension:
266.002 N
Min. Bend Radius/Minor Axis:
63.500 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG-LS
CEC/C(UL) Specification:
CMG-LS
EU Directive 2011/65/EU (ROHS II):
Yes
IEEE Specification:
Std. 45 clause 23
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
08/07/2006
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
UL444, ABWS Type Approval Certificate 06-HS184641C
Flame Test
UL Flame Test:
UL1685 FT4 Loading, Limited Smoke
CSA Flame Test:
FT4
IEC Flame Test:
60332-1, 60332-3-22 (Category A)
IEEE Flame Test:
1202
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Sunlight Resistance:
Yes
Non-halogenated:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Description
Impedance (Ohm)
22 AWG Pair 100
Nom. Inductance:
Description Inductance (µH/m)
22 AWG
0.761192
18 AWG
0.551208
Nom. Capacitance Conductor to Conductor:
Description
Capacitance (pF/m)
Page 2 of 3
11-08-2019
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1502SB Multi-Conductor - Multimedia Control Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com