Electronic Components Datasheet Search
  English  ▼

X  

3084A Datasheet(PDF) 1 Page - Belden Inc.

Part # 3084A
Description  DeviceBus, 2 Pr #2224 Str TC, PVCFPE Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3084A Datasheet(HTML) 1 Page - Belden Inc.

  3084A Datasheet HTML 1Page - Belden Inc. 3084A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 3084A
DeviceBus®, 2 Pr #22+24 Str TC, PVC+FPE Ins, IS+OA TC Brd, PVC Jkt,
CMG, CL2
Product Description
DeviceBus® for ODVA DeviceNet™, 2 Pair 22+24AWG (19x34+19x36) Tinned Copper, PVC+Foam PE Insulation, Individual Beldfoil® & OA Tinned Copper
Braid(65%) Shield, PVC Outer Jacket, CMG, CL2
Technical Specifications
Suitable Applications:
harsh environment, ODVA device-level communication, used with CIP (common Industrial Protocol) for control, configuration, and data collection between devices, such as sensors
and actuators, and higher level devices such as PLC, and PC in industrial automation, bus topology, etc.
Conductor
Element
Number of Element AWG Stranding
Material
Power Pair(s) 1
22
19x34
TC - Tinned Copper
Data Pair(s)
1
24
19x36
TC - Tinned Copper
Insulation
Element
Material
Thickness [in.]
Color Code
Power Pair(s) PVC - Polyvinyl Chloride
0.021
Red & Black
Data Pair(s)
PE - Polyethylene (Foam) 0.026
Blue & White
Inner Shield Material
Element
Shield Type
Material
Coverage
Power Pair(s) Tape
Alum / Poly 100%
Data Pair(s)
Tape
Alum / Poly 100%
Outer Shield Material
Shield Type
Material
Coverage
Drainwire Type
Braid
Tinned Copper (TC) 65%
22 AWG (19x34) TC
Outer Jacket Material
Material
Thickness Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in
0.280 in
Cable Diameter
(Nominal):
0.280 in
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Characteristic Impedence Nom. Velocity of Prop.
Max. Current
Power Pair(s) 17.5 Ohm/1000ft
4 Amps per Conductor at 25ºC (Power Pair)
Data Pair(s)
28.0 Ohm/1000ft
12 pF/ft
120 Ohm
75%
4 Amps Per Conductor at 24 V (per NEC CL2) (Power Pair)
Nom Outer Shield DCR:
3.2 Ohm/1000ft
High Freq
Element
Frequency [MHz] Max. Insertion Loss (Attenuation)
Data Pair(s) 0.125 MHz
.95 dB/100ft
0.5 MHz
1.64 dB/100ft
1 MHz
2.3 dB/100ft
Voltage
UL Voltage Rating


Similar Part No. - 3084A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3084A ETC2-3084A Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
3084A0021000 ETC2-3084A0021000 Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
3084AT5U1000 ETC2-3084AT5U1000 Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
3084AT5U2000 ETC2-3084AT5U2000 Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
3084AT5U500 ETC2-3084AT5U500 Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
More results

Similar Description - 3084A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123082A BELDEN-123082A Datasheet
158Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
123085A BELDEN-123085A Datasheet
144Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, CPE Jkt, CM, CL2
05-05-2023
127895A BELDEN-127895A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, PLTC
05-05-2023
133082F BELDEN-133082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt, sIA Armor, PVC Jkt, Flexible, CM PLTC
05-05-2023
133084A BELDEN-133084A Datasheet
145Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,SIA Armor, PVC Jkt, CM, CL2
05-05-2023
123084F BELDEN-123084F Datasheet
141Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG, CL2
05-05-2023
623082A BELDEN-623082A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
7895A BELDEN-7895A Datasheet
165Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,CMG, PLTC
04-14-2023
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
9744 BELDEN-9744 Datasheet
180Kb / 2P
Electronic, 2 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com