Electronic Components Datasheet Search
  English  ▼

X  

SS41 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS41
Description  Bipolar Hall-Effect Digital Position Sensor ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS41 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS41 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS41 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Sensing and Internet of Things
Bipolar Hall-Effect Digital Position Sensor ICs:
SS41, SS41-L, SS41-T2, SS41-T3, SS41-S, SS41-SP
Figure 3. Maximum Supply Current Versus Temperature (Device Off) Figure 4. Current Sinking Ouptut Block Diagram
Figure 1. Operate/Release Point vs Temperature
Figure 2. Typical Supply Current (Device Off) at 25°C
Figure 5. Wiring Diagrams
Hall-effect
Sensor IC
Trigger
Circuit
and
Amplifier
Vs (+)
Output (O)
Ground (-)
+
-
Relay
coil
2N3638
PNP
Transistor
100 mA
+
SCR
HI
LOW
Load
Sensor
IC
+
TRIAC
HI
LOW
Load
R
R
R
R
-
5 Vdc
TTL or
DTL Gate
+
-
R
47 Ohm
+
Load
AC
LED
Sensor
IC
Sensor
IC
Sensor
IC
Sensor
IC
5 Vdc
13 Vdc
PNP
Transistor
PNP
Transistor
10 Vdc
50 mA
2N2222
NPN
Transistor
Sensor
IC
5 Vdc
R1
550 Ohm
R
100 Ohm
+5 Vdc
R
10 kOhm
R
47 Ohm
R1
550 Ohm
R
4.7 kOhm
R1
1.8 kOhm
R
1.2 kOhm
+10 Vdc
5 Vdc
+DC
+15 Vdc
5 Vdc
+15 Vdc
+13 Vdc
150 mA
R
750 Ohm
R1
47 kOhm
+
Supply Voltage (V)
6
4
2
0
02468
10 12
24
-55
[-67]
Temperature (°C [°F])
0
[32]
25
[77]
85
[185]
125
[257]
150
[302]
-40
[-40]
11
10
9
8
7
6
5
4
3
-40
[-40]
Temperature (°C [°F])
0
[32]
25
[77]
85
[185]
125
[257]
-250
-200
-175
-150
-125
0
125
150
200
225
250
150
[302]
-225
175
Release min.
Operate max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com