Electronic Components Datasheet Search
  English  ▼

X  

HS3004 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HS3004
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3004 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HS3004 Datasheet HTML 9Page - Renesas Technology Corp HS3004 Datasheet HTML 10Page - Renesas Technology Corp HS3004 Datasheet HTML 11Page - Renesas Technology Corp HS3004 Datasheet HTML 12Page - Renesas Technology Corp HS3004 Datasheet HTML 13Page - Renesas Technology Corp HS3004 Datasheet HTML 14Page - Renesas Technology Corp HS3004 Datasheet HTML 15Page - Renesas Technology Corp HS3004 Datasheet HTML 16Page - Renesas Technology Corp HS3004 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
HS300x Datasheet
© 2020 Renesas Electronics Corporation
13
April 22, 2020
6.7 Status Bits
The status bits are used to indicate the current state of the fetched data. The two MSBs of the humidity data byte are the status bits (see the
following table).
Table 7.
Status Bits
Status Bits
Definition
00B
Valid Data: Data that has not been fetched since the last measurement cycle.
01B
Stale Data: Data that has already been fetched since the last measurement cycle.
Note: If a data fetch is performed before or during the first measurement after power-on reset, then the stale status will be
returned, but this data is actually invalid since the first measurement has not been completed.
6.8 Accessing the Non-volatile Memory
The HS300x series non-volatile memory stores its measurement resolution setting and its ID number. To change the sensor resolution or read
the ID number, the master must place the HS300x into programming mode while the chip is powering up. The figure below shows the sequence
of commands needed to enter the programming mode, which must be sent within 10ms after applying power to the sensor. The master must
send the I2C address and a Write bit followed by the command 0xA0|0x00|0x00.
Figure 18. Sequence of Commands to Enter Programming Mode
This command takes 120µs to process, after which the master has access to the non-volatile memory registers listed in the following table. All
of these registers are 16 bits wide.
To return to normal sensor operation and perform measurements, the master must send the I2C address and a Write bit, followed by the
command: 0x80|0x00|0x00.
Table 8.
Non-volatile Memory Registers
Address
Register Description
0x06
Humidity Sensor Resolution – Read Register (bits [11:10])
0x46
Humidity Sensor Resolution – Write Register (bits [11:10])
0x11
Temperature Sensor Resolution – Read Register (bits [11:10])
0x51
Temperature Sensor Resolution – Write Register (bits [11:10])
0x1E
Read Sensor ID – Upper 2 bytes
0x1F
Read Sensor ID – Lower 2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com