Electronic Components Datasheet Search
  English  ▼

X  

8774 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8774
Description  Audio, Control & Instrument, #22-9pr, PP, Indiv. Foil, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8774 Datasheet(HTML) 1 Page - Belden Inc.

  8774 Datasheet HTML 1Page - Belden Inc. 8774 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8774
Audio, Control & Instrument, #22-9pr, PP, Indiv. Foil, PVC Jkt, CM
Product Description
Audio, Control & Instrument Cable, 9-Pair, 22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation, individually shielded pairs with
Beldfoil® (100% coverage), overall PVC jacket and 22 AWG stranded tinned copper drain wire.
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element AWG Stranding
Material
Pair(s)
9
22
7x30
TC - Tinned Copper
Insulation
Element
Material
Thickness [in.]
Color Code
Pair(s)
PP - Polypropylene 0.011
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White, Red & Green
Inner Shield Material
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Alum / Poly 100%
22 AWG (7x30) TC each pair
Outer Jacket Material
Material
Thickness Nom. Diameter
PVC - Polyvinyl Chloride 0.034 in
0.410 in
Cable Diameter (Nominal):
0.410 in
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
15 Ohm/1000ft
30 pF/ft
55 pF/ft
50 Ohm
66%
1.4 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Rating
Operating
80°C (UL AWM 2919) -20°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 8774

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8774 ETC2-8774 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
logo
Belden Inc.
87740 BELDEN-87740 Datasheet
165Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, PVDF Jkt, CMP
05-05-2023
87740-0021000 BELDEN-87740-0021000 Datasheet
165Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, PVDF Jkt, CMP
05-05-2023
logo
List of Unclassifed Man...
8774060100 ETC2-8774060100 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
87740601000 ETC2-87740601000 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
More results

Similar Description - 8774

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8778 BELDEN-8778 Datasheet
248Kb / 2P
Audio, Control & Instrument, #22-6pr, PP, Indiv. Foil, PVC Jkt, CM
8769 BELDEN-8769 Datasheet
215Kb / 2P
Audio, Control & Instrument, #22-19pr, PP, Indiv. Foil, PVC Jkt, CM
04-19-2023
8773 BELDEN-8773 Datasheet
208Kb / 2P
Audio, Control & Instrument, #22-27pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8775 BELDEN-8775 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8776 BELDEN-8776 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-15pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9767 BELDEN-9767 Datasheet
161Kb / 2P
Audio, Control & Instrument, #22-37pr, PP, Indiv. Foil, PVC Jkt, CM
05-05-2023
9768 BELDEN-9768 Datasheet
194Kb / 2P
Audio, Control & Instrument, #22-12pr, PP, Indiv. Foil, PVC Jkt, CM
04-19-2023
9769 BELDEN-9769 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-17pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9992 BELDEN-9992 Datasheet
161Kb / 2P
Audio, Control & Instrument, #24-9pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9875 BELDEN-9875 Datasheet
211Kb / 2P
Audio, Control & Instrument, #20-9pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com