Electronic Components Datasheet Search
  English  ▼

X  

AD8099ARD Datasheet(PDF) 16 Page - Analog Devices

Part # AD8099ARD
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ARD Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8099ARD Datasheet HTML 12Page - Analog Devices AD8099ARD Datasheet HTML 13Page - Analog Devices AD8099ARD Datasheet HTML 14Page - Analog Devices AD8099ARD Datasheet HTML 15Page - Analog Devices AD8099ARD Datasheet HTML 16Page - Analog Devices AD8099ARD Datasheet HTML 17Page - Analog Devices AD8099ARD Datasheet HTML 18Page - Analog Devices AD8099ARD Datasheet HTML 19Page - Analog Devices AD8099ARD Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8099
Rev. B | Page 16 of 28
APPLICATIONS
USING THE AD8099
The AD8099 offers unrivaled noise and distortion performance
in low signal gain configurations. In low gain configurations
(less than15), the AD8099 requires external compensation. The
amount of gain and performance needed will determine the
compensation network.
Understanding the subtleties of the AD8099 gives the user
insight on how to exact its peak performance. Use the
component values and circuit configurations shown in the
Applications section as starting points for designs. Specific
circuit applications will dictate the final configuration and value
of your components.
CIRCUIT COMPONENTS
The circuit components are referenced in Figure 59, the
recommended noninverting circuit schematic for the AD8099.
See Table 4 for typical component values and performance data.
1
8
4
7
5
3
6
2
AD8099
C5
0.1
µF
CC
CF
C1
C4
10
µF
C2
10
µF
C3
0.1
µF
RC
RF
RG
RS
R1
+VS
–VS
VOUT
DISABLE
VIN
Figure 59. Wideband Noninverting Gain Configuration (SOIC)
RF and RG
—
The feedback resistor and the gain set resistor
determine the noise gain of the amplifier; typical RF values
range from 250 Ω to 499 Ω.
CF
—Creates a zero in the loop response to compensate the pole
created by the input capacitance (including stray capacitance)
and the feedback resistor RF. CF helps reduce high frequency
peaking and ringing in the closed-loop response. Typical range
is 0.5 pF to 1.5 pF for evaluation circuits used here.
R1
—This resistor terminates the input of the amplifier to the
source resistance of the signal source, typically 50 Ω. (This is
application specific and not always required.)
RS
—Many high speed amplifiers in low gain configurations
require that the input stage be terminated into a nominal
impedance to maintain stability. The value of RS should be kept
to 50 Ω or lower to maintain low noise performance. At higher
gains, RS may be reduced or even eliminated. Typical range is
0 Ω to 50 Ω.
CC
—The compensation capacitor decreases the open-loop gain
at higher frequencies where the phase is degrading. By decreas-
ing the open-loop gain here, the phase margin is increased and
the amplifier is stabilized. Typical range is 0 pF to 5 pF. The
value of CC is gain dependent.
RC—
The series lead inductance of the package and the com-
pensation capacitance (CC) forms a series resonant circuit. RC
dampens this resonance and prevents oscillations. The
recommended value of RC is 50 Ω for a closed-loop gain of 2.
This resistor introduces a zero in the open-loop response and
must be kept low so that this zero occurs at a higher frequency.
The purpose of the compensation network is to decrease the
open-loop gain. If the resistance becomes too large, the gain will
be reduced to the resistor value, and not necessarily to 0 Ω,
which is what a single capacitor would do over frequency.
Typical value range is 0 Ω to 50 Ω.
C1
—To lower the impedance of RC , C1 is placed in parallel with
RC. C1 is not required, but greatly reduces peaking at low
closed-loop gains. The typical value range is 0 pF to 2 pF.
C2 and C3
—Bypass capacitors are connected between both
supplies for optimum distortion and PSRR performance. These
capacitors should be placed as close as possible to the supply
pins of the amplifier. For C3, C5, a 0508 case size should be
used. The 0508 case size offers reduced inductance and better
frequency response.
C4 and C2
—Electrolytic bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com