Electronic Components Datasheet Search
  English  ▼

X  

1SS314 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 1SS314
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1SS314 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1SS314 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1SS314 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS314
Silicon Epitaxial Planar Switching Diode
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Fe
atures
Small plastic package suitable for surface mounted
design
VHF tuner band switch
Absolute Maximum Ratings ( Ta =25℃ )
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Current
IF
100
mA
Junction Temperature
TJ
125
O
C
Storage Temperature Range
TSTG
- 55 to + 125
O
C
Electrical Characteristics( Ta =25℃)
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 2 mA
VF
-
0.85
V
Reverse Current
at VR = 15 V
IR
-
0.1
μA
Reverse Voltage
at IR = 1 μA
VR
30
-
V
Total Capacitance
at VR = 6 V, f = 1 MHz
CT
-
1.2
pF
Series Resistance
at IF = 2 mA, f = 100 MHz
rS
-
0.9
Ω
SOD-323
1Cathode
2Anode
1
2
Marking :
TY


Similar Part No. - 1SS314

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS314 TOSHIBA-1SS314 Datasheet
95Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS314 TOSHIBA-1SS314 Datasheet
213Kb / 3P
VHF Tuner Band Switch Applications
logo
Guangdong Kexin Industr...
1SS314 KEXIN-1SS314 Datasheet
34Kb / 2P
VHF TUNER BAND SWITCH APPLICATIONS
logo
SEMTECH ELECTRONICS LTD...
1SS314 SEMTECH_ELEC-1SS314 Datasheet
283Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
NXP Semiconductors
1SS314 NXP-1SS314 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - 1SS314

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com