Electronic Components Datasheet Search
  English  ▼

X  

FR104FL Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FR104FL
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FR104FL Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FR104FL Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FR104FL Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FR104FL Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Device
Package
Shipping
FR101FL thru FR107FL
SOD-123FL
3,000/Tape & Reel (7 inches)
PACKAGE OUTLINE
Dimensions in milimeters
SOD-123FL
ORDERING INFORMATION
1.70
1.90
0.80
1.10
2.60
2.90
0.90
1.10
0.12
0.20
3.50
3.80
0.70
0.90
Top View
B
ottom View
3 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017
FR101FL
thru FR107FL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com